Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXC.40.B Datasheet (PDF) - Taoglas antenna solutions

FXC.40.B Datasheet PDF - Taoglas antenna solutions
Part # FXC.40.B
Download  FXC.40.B Download
File Size   1795.7 Kbytes
Page   14 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description FXC.40.B Series

FXC.40.B Datasheet (PDF)

Go To PDF Page Download Datasheet
FXC.40.B Datasheet PDF - Taoglas antenna solutions

Part # FXC.40.B
Download  FXC.40.B Click to download

File Size   1795.7 Kbytes
Page   14 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description FXC.40.B Series

FXC.40.B Datasheet (HTML) - Taoglas antenna solutions


FXC.40.B Product details

Description:
NFC Flex Antenna (⌀40*0.3mm) with a Reverse Ferrite Layer and adhesive backing

Features:
13.56 MHz Antenna
Reverse Ferrite Layer
Flexible Low Profile Embedded
Dimensions:
•Diameter: 40mm
•FXC.40.B.dg - NFC with ferrite
•FXC.40.52.0075X.B.dg - NFC with ferrite and 75mm Twisted Pair 28AWG cable with ACH(F) connector
Peel and stick 3M adhesive
RoHS & Reach Compliant




Similar Part No. - FXC.40.B

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXC.40.52.0075X.A.DG TAOGLAS-FXC.40.52.0075X.A.DG Datasheet
1Mb / 15P
FXC.40 Series
Revision: A 2022-09-01
FXC.40.A TAOGLAS-FXC.40.A Datasheet
1Mb / 15P
FXC.40 Series
Revision: A 2022-09-01
FXC.40.A.DG TAOGLAS-FXC.40.A.DG Datasheet
1Mb / 15P
FXC.40 Series
Revision: A 2022-09-01
More results


Similar Description - FXC.40.B

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
294005 ERNI-294005 Datasheet
104Kb / 1P
0,8 DRC-B, F 4mm, 40 polig
294287 ERNI-294287 Datasheet
98Kb / 1P
0,8 DRC-B, M 40 polig
354065 ERNI-354065 Datasheet
90Kb / 1P
Federl. SMC-B 40-SMD-BA7-03
204632 ERNI-204632 Datasheet
89Kb / 1P
Federl. SMC-B 40-SMD-BA7-13
354097 ERNI-354097 Datasheet
68Kb / 1P
Messerl. SMC-B 40-SMD-BA7-03
100104120001 ERNI-100104120001 Datasheet
94Kb / 1P
Federl. SMC-B 40-SMD-BA7-13
logo
PHOENIX CONTACT
1604731 PHOENIX-1604731 Datasheet
95Kb / 3P
HC-B 6-TFL-40/O1M20G
1675285 PHOENIX-1675285 Datasheet
51Kb / 3P
Housing - HC-B 6-TFL-40/O1PG13,5G
1678813 PHOENIX-1678813 Datasheet
94Kb / 3P
HC-B 6-TFL-40/O1PG16G
1771121 PHOENIX-1771121 Datasheet
97Kb / 3P
HC-B 6-TFL-40/M1PG13,5G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com