Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC2134B Datasheet (PDF) - Analog Devices

DC2134B Datasheet PDF - Analog Devices
Part # DC2134B
Download  DC2134B Download
File Size   513.94 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC4020EUHF High Power Buck-Boost Multi‑Chemistry Battery Charger

DC2134B Datasheet (PDF)

Go To PDF Page Download Datasheet
DC2134B Datasheet PDF - Analog Devices

Part # DC2134B
Download  DC2134B Click to download

File Size   513.94 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC4020EUHF High Power Buck-Boost Multi‑Chemistry Battery Charger

DC2134B Datasheet (HTML) - Analog Devices


DC2134B Product details

DESCRIPTION
Demonstration circuit 2134B is a high power buck-boost
multi-chemistry battery charger featuring the LTC®4020.
The board will accept an input voltage between 15V and
55V. The float voltage of the battery output (BAT) is 25.2V,
with 6.3A maximum charge current. The converter output
(VOUT) has a voltage range of 21V to 28V, with 8A
maximum load current. The LTC4020 contains a high
efficiency synchronous buck-boost DC/DC controller and
uses a proprietary average current mode architecture.
The LTC4020 battery charger can provide a constantcurrent/
constant-voltage charge algorithm (CC/CV); a
four-step, three-stage lead-acid battery-charge profile or
constant-current charging (CC). Battery-chemistry type
is selected using onboard jumper JP1.
The LTC4020 data sheet gives a complete description of
the IC operation and application information. The data sheet
must be read in conjunction with this quick start guide.




Similar Part No. - DC2134B

ManufacturerPart #DatasheetDescription
logo
DEWALT
DC213KA DEWALT-DC213KA Datasheet
63Kb / 2P
Hammer Drills - Cordless
DC213KB DEWALT-DC213KB Datasheet
63Kb / 2P
Hammer Drills - Cordless
More results


Similar Description - DC2134B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
High Efficiency, Multi-Chemistry Battery Charger
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
High Efficiency, Multi-Chemistry Battery Charger
LTC4020 LINER-LTC4020_15 Datasheet
358Kb / 42P
55V Buck-Boost Multi-Chemistry Battery Charger
LTC4013EUFD LINER-LTC4013EUFD Datasheet
875Kb / 14P
60V Synchronous Buck Multi-Chemistry Battery Charger
LTC4020EUHF LINER-LTC4020EUHF Datasheet
370Kb / 8P
High Power Buck-Boost Multi-Chemistry Battery Charger
LTC4020 LINER-LTC4020 Datasheet
420Kb / 42P
55V Buck-Boost Multi-Chemistry Battery Charger
LTC4013 LINER-LTC4013 Datasheet
1Mb / 38P
60V Synchronous Buck Multi-Chemistry Battery Charger
logo
Shanghai Consonance Ele...
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
Multi-Chemistry Battery Charger
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
Multi-Chemistry Battery Charger
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com