Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC2091A Datasheet (PDF) - Analog Devices

DC2091A Datasheet PDF - Analog Devices
Part # DC2091A
Download  DC2091A Download
File Size   653.84 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC5599 30MHz to 1300MHz Low Power Direct Quadrature Modulator

DC2091A Datasheet (PDF)

Go To PDF Page Download Datasheet
DC2091A Datasheet PDF - Analog Devices

Part # DC2091A
Download  DC2091A Click to download

File Size   653.84 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC5599 30MHz to 1300MHz Low Power Direct Quadrature Modulator

DC2091A Datasheet (HTML) - Analog Devices


DC2091A Product details

Description
Demonstration circuit 2091A is optimized for evaluation
of the LTC®5599 low power direct quadrature modulator.
The balanced I and Q baseband input ports can be either
AC- or DC-coupled to a source with a common mode voltage
level of about 1.4V. Fixed LC networks on the LO and
RF ports cover a continuous 90MHz to 1300MHz range.
The SPI interface controls the supply current, modulator
gain, and allows optimization of the LO carrier feedthrough
and side-band suppression.




Similar Part No. - DC2091A

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DC20963 ITT-DC20963 Datasheet
9Mb / 301P
D Subminiature Connectors
DC20963 ITT-DC20963 Datasheet
2Mb / 28P
Defining and Champooning Innivation
DC20963 ITT-DC20963 Datasheet
2Mb / 28P
D Subminiature Accessories
DC20963-17 ITT-DC20963-17 Datasheet
9Mb / 301P
D Subminiature Connectors
DC20963-27 ITT-DC20963-27 Datasheet
2Mb / 28P
Defining and Champooning Innivation
More results


Similar Description - DC2091A

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_1 Datasheet
340Kb / 12P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
DIRECT QUADRATURE MODULATOR
logo
Linear Technology
LTC5599 LINER-LTC5599_15 Datasheet
1Mb / 42P
30MHz to 1300MHz Low Power Direct Quadrature Modulator
LTC5589 LINER-LTC5589 Datasheet
2Mb / 46P
700MHz to 6GHz Low Power Direct Quadrature Modulator
LTC5599 LINER-LTC5599 Datasheet
1Mb / 42P
30MHz to 1300MHz Low Power Direct Quadrature Modulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com