Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8024 Datasheet (PDF) - Analog Devices

LTM8024 Datasheet PDF - Analog Devices
Part # LTM8024
Download  LTM8024 Download
File Size   1039.27 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTM8024 40V, Dual 3A Step-Down μModule Regulator

LTM8024 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM8024 Datasheet PDF - Analog Devices

Part # LTM8024
Download  LTM8024 Click to download

File Size   1039.27 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTM8024 40V, Dual 3A Step-Down μModule Regulator

LTM8024 Datasheet (HTML) - Analog Devices


LTM8024 Product details

DESCRIPTION
Demonstration circuit 1868A is a dual step-down DC/DC
switching converter featuring the LTM®8024 μModule
regulator. The demo board is designed to deliver dual
5V/3A and 3.3V/3A outputs from a 7V to 40V input. The
Silent Switcher® architecture minimizes EMI while achieving
high efficiency at frequencies up to 3MHz. The modes
of operation (Burst Mode or Discontinuous Mode/SYNC)
are jumper selectable. Burst Mode operation improves
efficiency at light loads.
The LTM8024 is a fixed frequency PWM regulator with
current mode control scheme. The switching frequency
is set by an appropriate resistor (R11) from the RT pin to
ground. The RUN pins (EN1/EN2 terminals) can be used
to set the LTM8024 in micro power shutdown mode. The
power good output of each channel (PG1 or PG2 terminal)
will be low when that channel’s output voltage is outside
of the ±7.5% regulation window.
The LTM8024 data sheet gives a complete description of
the operation and application information. The data sheet
must be read in conjunction with this demo manual.




Similar Part No. - LTM8024

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM8024 AD-LTM8024 Datasheet
3Mb / 54P
EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
LTM8024 AD-LTM8024 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
LTM8024 AD-LTM8024 Datasheet
2Mb / 28P
40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
LTM8024 AD-LTM8024 Datasheet
1Mb / 26P
Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
Rev. 0
LTM8024 AD-LTM8024 Datasheet
3Mb / 32P
16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
Rev. 0
More results


Similar Description - LTM8024

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8833 MAXIM-MAX8833 Datasheet
335Kb / 21P
Dual, 3A, 2MHz Step-Down Regulator
Rev 0; 8/07
MAX8833 MAXIM-MAX8833_09 Datasheet
360Kb / 20P
Dual, 3A, 2MHz Step-Down Regulator
Rev 2; 4/09
logo
Eutech Microelectronics...
EUP3453 EUTECH-EUP3453 Datasheet
96Kb / 1P
3A,40V,200KHz Step-Down Converter
logo
Exar Corporation
XR79203 EXAR-XR79203 Datasheet
2Mb / 19P
40V, 3A Synchronous Step-Down
logo
Eutech Microelectronics...
EUP3490 EUTECH-EUP3490 Datasheet
856Kb / 1P
3A,40V,200KHz Step-Down Converter
logo
Diodes Incorporated
AL8843 DIODES-AL8843 Datasheet
565Kb / 18P
40V 3A STEP-DOWN LED DRIVER
Rev 1
logo
E-CMOS Corporation
EC5116 E-CMOS-EC5116 Datasheet
675Kb / 12P
3A, 40V Asynchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7353N ACE-ACE7353N Datasheet
187Kb / 3P
High Efficiency, 3A 40V Input Synchronous Step-Down Regulator
VER 1.1
logo
Analog Devices
LTM4638 AD-LTM4638 Datasheet
2Mb / 30P
20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
LTM4712 AD-LTM4712 Datasheet
3Mb / 26P
36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com