Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61-9970.2. Datasheet (PDF) - EAO AG.

61-9970.2. Datasheet PDF - EAO AG.
Part # 61-9970.2.
Download  61-9970.2. Download
File Size   228.11 Kbytes
Page   1 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description Emergency-stop legend

61-9970.2. Datasheet (PDF)

Go To PDF Page Download Datasheet
61-9970.2. Datasheet PDF - EAO AG.

Part # 61-9970.2.
Download  61-9970.2. Click to download

File Size   228.11 Kbytes
Page   1 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description Emergency-stop legend

61-9970.2. Datasheet (HTML) - EAO AG.


61-9970.2. Product details

Mounting
Mounting cut-out Ø 16 mm
Design raised
Other Attributes
Marking EMERGENCY STOP
Dimension Ø 43 x 1.7 mm
Weight 0,002 kg
Colour yellow
Material Plastic




Similar Part No. - 61-9970.2.

ManufacturerPart #DatasheetDescription
logo
EAO AG.
61-9970.2 EAO-61-9970.2 Datasheet
1Mb / 12P
16mm 22.5mm 21 x 21mm 21 x 27mm IP65 5A 250VAC
61-9970.2 EAO-61-9970.2 Datasheet
2Mb / 76P
Product Assembly
11.2009
More results


Similar Description - 61-9970.2.

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2819189 PHOENIX-2819189 Datasheet
79Kb / 5P
Emergency-stop Y plug
logo
Schneider Electric
ZBY9330 SCHNEIDER-ZBY9330 Datasheet
93Kb / 2P
marked legend 횠60 for emergency stop - EMERGENCY STOP/logo ISO13850
Aug 10, 2020
ZBY8330 SCHNEIDER-ZBY8330 Datasheet
96Kb / 2P
Harmony XB4, Legend, plastic, yellow, 횠90, for emergency stop, marked EMERGENCY STOP with logo ISO13851
Nov 8, 2021
ZBY9120 SCHNEIDER-ZBY9120 Datasheet
126Kb / 2P
Harmony XB4, Legend holder 횠60 for emergency stop, plastic, yellow, marked ARRET DURGENCE
Nov 8, 2021
ZBY9140T SCHNEIDER-ZBY9140T Datasheet
116Kb / 2P
Blank legend, Harmony XB5, Harmony XB4, unmarked 횠 60 for emergency stop pushbutton
Nov 8, 2021
9001SKR9P1LRRH13 SCHNEIDER-9001SKR9P1LRRH13 Datasheet
71Kb / 1P
SWITCH EMERGENCY STOP
Jan 13, 2022
9001KN105WP SCHNEIDER-9001KN105WP Datasheet
101Kb / 3P
plastic legend legend plate 57 x 57 mm - 횠 30 - white - EMERGENCY STOP
Jan 20, 2022
ZBY9330T SCHNEIDER-ZBY9330T Datasheet
119Kb / 2P
Harmony XB4, Legend holder 횠60 for emergency stop, plastic, yellow, for padlocking,marked EMERGENCY STOP
Jan 22, 2022
logo
IDEC Corporation
XA-SERIES IDEC-XA-SERIES Datasheet
3Mb / 64P
Emergency Stop Switches
JULY 2017
logo
Pepperl+Fuchs Inc.
VAZ-2E1A-F85A-S PF-VAZ-2E1A-F85A-S Datasheet
738Kb / 3P
Emergency stop button
2021-04-08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com