Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61-8745.11. Datasheet (PDF) - EAO AG.

61-8745.11. Datasheet PDF - EAO AG.
Part # 61-8745.11.
Download  61-8745.11. Download
File Size   325.1 Kbytes
Page   2 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description Switching element for emergency-stop switch, foolproof EN IEC 60947-5-5

61-8745.11. Datasheet (PDF)

Go To PDF Page Download Datasheet
61-8745.11. Datasheet PDF - EAO AG.

Part # 61-8745.11.
Download  61-8745.11. Click to download

File Size   325.1 Kbytes
Page   2 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description Switching element for emergency-stop switch, foolproof EN IEC 60947-5-5

61-8745.11. Datasheet (HTML) - EAO AG.


61-8745.11. Product details

Other Attributes
Weight 0,008 kg
Connection Method
Terminal Screw terminal
Switching element
Switching current 5 A
Switching system Slow-make switching element
Contacts 1 NC
Contact material Silver
Switching voltage 250 V AC/DC




Similar Part No. - 61-8745.11.

ManufacturerPart #DatasheetDescription
logo
EAO AG.
61-8745.11 EAO-61-8745.11 Datasheet
2Mb / 76P
Product Assembly
11.2009
More results


Similar Description - 61-8745.11.

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM73488 PMC-PM73488 Datasheet
69Kb / 4P
5 Gbit/s ATM Switch Fabric Element
PM73488 PMC-PM73488 Datasheet
1Mb / 135P
5 Gbit/s ATM Switch Fabric Element
logo
List of Unclassifed Man...
VCF5 ETC2-VCF5 Datasheet
70Kb / 2P
TeSys Vario - emergency stop switch
logo
PMC-Sierra, Inc
PM73488-1 PMC-PM73488-1 Datasheet
59Kb / 2P
5 Gbit/s ATM Switch Fabric Element
logo
Schneider Electric
ZBY9330 SCHNEIDER-ZBY9330 Datasheet
93Kb / 2P
marked legend 횠60 for emergency stop - EMERGENCY STOP/logo ISO13850
Aug 10, 2020
9001SKR9P1LRRH13 SCHNEIDER-9001SKR9P1LRRH13 Datasheet
71Kb / 1P
SWITCH EMERGENCY STOP
Jan 13, 2022
logo
Pepperl+Fuchs Inc.
VAZ-F85A-MH PF-VAZ-F85A-MH Datasheet
108Kb / 1P
Mounting aid for EMERGENCY STOP button
2015-01-13
logo
IDEC Corporation
XA-SERIES IDEC-XA-SERIES Datasheet
3Mb / 64P
Emergency Stop Switches
JULY 2017
logo
Festo Corporation.
192966 FESTO-192966 Datasheet
76Kb / 1P
Stop element
12/4/22
192968 FESTO-192968 Datasheet
76Kb / 1P
Stop element
12/4/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com