Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61-8490.12. Datasheet (PDF) - EAO AG.

61-8490.12. Datasheet PDF - EAO AG.
Part # 61-8490.12.
Download  61-8490.12. Download
File Size   305.72 Kbytes
Page   2 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description Switching element for pushbutton and keylock- and selector switch 2 positions

61-8490.12. Datasheet (PDF)

Go To PDF Page Download Datasheet
61-8490.12. Datasheet PDF - EAO AG.

Part # 61-8490.12.
Download  61-8490.12. Click to download

File Size   305.72 Kbytes
Page   2 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description Switching element for pushbutton and keylock- and selector switch 2 positions

61-8490.12. Datasheet (HTML) - EAO AG.


61-8490.12. Product details

Other Attributes
Weight 0,007 kg
Connection Method
Terminal Solder 2.8 x 0.5 mm
Switching element
Switching current 5 A
Switching system Snap-action switching element
Contact material Silver
Contacts 1 NC + 2 NO
Switching voltage 250 V AC/DC




Similar Part No. - 61-8490.12.

ManufacturerPart #DatasheetDescription
logo
EAO AG.
61-8490.12 EAO-61-8490.12 Datasheet
1Mb / 12P
16mm 22.5mm 21 x 21mm 21 x 27mm IP65 5A 250VAC
61-8490.12 EAO-61-8490.12 Datasheet
2Mb / 76P
Product Assembly
11.2009
More results


Similar Description - 61-8490.12.

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A8N OMRON-A8N Datasheet
281Kb / 3P
Dual-Pushbutton Switch for High Capacity Switching
logo
Schneider Electric
XB6EAG221P SCHNEIDER-XB6EAG221P Datasheet
139Kb / 5P
Monolithic selector switch, Harmony XB6E, round black key 횠 16 projecting keylock 2 positions 1CO
Sep 13, 2021
XB6EAG232P SCHNEIDER-XB6EAG232P Datasheet
135Kb / 5P
Monolithic selector switch, Harmony XB6E, round black key 횠 16 projecting keylock 3 positions 2CO
Sep 13, 2021
XB6EDG222P SCHNEIDER-XB6EDG222P Datasheet
137Kb / 5P
Monolithic selector switch, Harmony XB6E, rectangular black key 16 projecting keylock 2 positions 2CO
Sep 13, 2021
9001K11J35LLL SCHNEIDER-9001K11J35LLL Datasheet
140Kb / 2P
selector switch 횠 30 - 2 positions - maintained - LED
Dec 23, 2021
9001KS11K1E52 SCHNEIDER-9001KS11K1E52 Datasheet
138Kb / 2P
selector switch 횠 30 - black - 2 positions - maintained
Jan 6, 2022
9001KS11K1E54 SCHNEIDER-9001KS11K1E54 Datasheet
138Kb / 2P
selector switch 횠 30 - black - 2 positions - maintained
Jan 6, 2022
9001KS11K3E12 SCHNEIDER-9001KS11K3E12 Datasheet
138Kb / 2P
selector switch 횠 30 - black - 2 positions - maintained
Jan 6, 2022
9001KS11K3H13R SCHNEIDER-9001KS11K3H13R Datasheet
126Kb / 2P
PUSHBUTTON SELECTOR SWITCH 30MM K
Jan 6, 2022
ZA2BD2 SCHNEIDER-ZA2BD2 Datasheet
123Kb / 2P
black selector switch - 2 positions - standard handle
Mar 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com