Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61-4210.0. Datasheet (PDF) - EAO AG.

61-4210.0. Datasheet PDF - EAO AG.
Part # 61-4210.0.
Download  61-4210.0. Download
File Size   350.5 Kbytes
Page   2 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description Selector switch actuator 2 positions round

61-4210.0. Datasheet (PDF)

Go To PDF Page Download Datasheet
61-4210.0. Datasheet PDF - EAO AG.

Part # 61-4210.0.
Download  61-4210.0. Click to download

File Size   350.5 Kbytes
Page   2 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description Selector switch actuator 2 positions round

61-4210.0. Datasheet (HTML) - EAO AG.


61-4210.0. Product details

Mounting
Mounting cut-out Ø 16 mm
Design raised
Front
Front dimension Ø 18 mm
Front shape round
Other Attributes
Weight 0,006 kg
Operating-/Indication part
Switching angle 90° right
Lever illumination
Lever shape short
Lever material Plastic
IP-Rating
Front protection IP65
Actuator
Switching action Rest - Maintain
Switching element
Rotary positions 2
Function
Selector switch




Similar Part No. - 61-4210.0.

ManufacturerPart #DatasheetDescription
logo
EAO AG.
61-4210.0 EAO-61-4210.0 Datasheet
1Mb / 12P
16mm 22.5mm 21 x 21mm 21 x 27mm IP65 5A 250VAC
61-4210.0 EAO-61-4210.0 Datasheet
2Mb / 76P
Product Assembly
11.2009
More results


Similar Description - 61-4210.0.

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3SB3000-2EA11 SIEMENS-3SB3000-2EA11 Datasheet
101Kb / 3P
22MM PLASTIC ROUND ACTUATOR: SELECTOR SWITCH 3 SWITCH POSITIONS I-O-II MOMENTARY CONTACT TYPE NON-ILLUMINATED WITH HOLDER BLACK
logo
Schneider Electric
XB6EAD221P SCHNEIDER-XB6EAD221P Datasheet
114Kb / 5P
Monolithic selector switch, Harmony XB6E, round black 횠 16 projecting handle 2 positions 1CO
Sep 13, 2021
XB6EAD222P SCHNEIDER-XB6EAD222P Datasheet
114Kb / 5P
Monolithic selector switch, Harmony XB6E, round black 횠 16 projecting handle 2 positions 2CO
XB6EAG221P SCHNEIDER-XB6EAG221P Datasheet
139Kb / 5P
Monolithic selector switch, Harmony XB6E, round black key 횠 16 projecting keylock 2 positions 1CO
Sep 13, 2021
9001K11J35LLL SCHNEIDER-9001K11J35LLL Datasheet
140Kb / 2P
selector switch 횠 30 - 2 positions - maintained - LED
Dec 23, 2021
9001KS11K1E52 SCHNEIDER-9001KS11K1E52 Datasheet
138Kb / 2P
selector switch 횠 30 - black - 2 positions - maintained
Jan 6, 2022
9001KS11K1E54 SCHNEIDER-9001KS11K1E54 Datasheet
138Kb / 2P
selector switch 횠 30 - black - 2 positions - maintained
Jan 6, 2022
9001KS11K3E12 SCHNEIDER-9001KS11K3E12 Datasheet
138Kb / 2P
selector switch 횠 30 - black - 2 positions - maintained
Jan 6, 2022
ZA2BD2 SCHNEIDER-ZA2BD2 Datasheet
123Kb / 2P
black selector switch - 2 positions - standard handle
Mar 21, 2022
logo
Siemens Semiconductor G...
3SB3501-2UA71 SIEMENS-3SB3501-2UA71 Datasheet
218Kb / 3P
22MM METAL ROUND ACTUATOR: SELECTOR SWITCH HEAVY DUTY LEFT LATCH.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com