Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61-1300.0. Datasheet (PDF) - EAO AG.

61-1300.0. Datasheet PDF - EAO AG.
Part # 61-1300.0.
Download  61-1300.0. Download
File Size   345.78 Kbytes
Page   2 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description Keylock switch actuator 2 positions round

61-1300.0. Datasheet (PDF)

Go To PDF Page Download Datasheet
61-1300.0. Datasheet PDF - EAO AG.

Part # 61-1300.0.
Download  61-1300.0. Click to download

File Size   345.78 Kbytes
Page   2 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description Keylock switch actuator 2 positions round

61-1300.0. Datasheet (HTML) - EAO AG.


61-1300.0. Product details

Mounting
Mounting cut-out Ø 16 mm
Design raised
Other Attributes
Weight 0,065 kg
Operating-/Indication part
Switching angle 90° right
IP-Rating
Front protection IP65
Actuator
Switching action Rest(a) - Maintain(a)
Switching element
Rotary positions 2
Function
Keylock switch




Similar Part No. - 61-1300.0.

ManufacturerPart #DatasheetDescription
logo
EAO AG.
61-1300.0. EAO-61-1300.0. Datasheet
356Kb / 2P
Illuminated pushbutton actuator round
27.11.2017
More results


Similar Description - 61-1300.0.

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3SB3000-2EA11 SIEMENS-3SB3000-2EA11 Datasheet
101Kb / 3P
22MM PLASTIC ROUND ACTUATOR: SELECTOR SWITCH 3 SWITCH POSITIONS I-O-II MOMENTARY CONTACT TYPE NON-ILLUMINATED WITH HOLDER BLACK
logo
Honeywell Accelerometer...
JX-40 HONEYWELL-ACC-JX-40 Datasheet
61Kb / 1P
ACTUATOR-SWITCH
JS-308 HONEYWELL-ACC-JS-308 Datasheet
52Kb / 2P
ACTUATOR - SWITCH
logo
Honeywell Solid State E...
JS-87 HONEYWELL-JS-87 Datasheet
44Kb / 1P
ACTUATOR - SWITCH
logo
E-SWITCH
K900022 E-SWITCH-K900022 Datasheet
64Kb / 1P
USE WITH KEYLOCK SWITCH KO133
logo
Schneider Electric
XB6EAD221P SCHNEIDER-XB6EAD221P Datasheet
114Kb / 5P
Monolithic selector switch, Harmony XB6E, round black 횠 16 projecting handle 2 positions 1CO
Sep 13, 2021
XB6EAD222P SCHNEIDER-XB6EAD222P Datasheet
114Kb / 5P
Monolithic selector switch, Harmony XB6E, round black 횠 16 projecting handle 2 positions 2CO
XB6EAG221P SCHNEIDER-XB6EAG221P Datasheet
139Kb / 5P
Monolithic selector switch, Harmony XB6E, round black key 횠 16 projecting keylock 2 positions 1CO
Sep 13, 2021
XB6EAG232P SCHNEIDER-XB6EAG232P Datasheet
135Kb / 5P
Monolithic selector switch, Harmony XB6E, round black key 횠 16 projecting keylock 3 positions 2CO
Sep 13, 2021
XB6EDG222P SCHNEIDER-XB6EDG222P Datasheet
137Kb / 5P
Monolithic selector switch, Harmony XB6E, rectangular black key 16 projecting keylock 2 positions 2CO
Sep 13, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com