Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SATRD30CM Datasheet (PDF) - StarTech.com Ltd.

SATRD30CM Datasheet PDF - StarTech.com Ltd.
Part # SATRD30CM
Download  SATRD30CM Download
File Size   134.11 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 0.3 m Round SATA Cable

SATRD30CM Datasheet (PDF)

Go To PDF Page Download Datasheet
SATRD30CM Datasheet PDF - StarTech.com Ltd.

Part # SATRD30CM
Download  SATRD30CM Click to download

File Size   134.11 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 0.3 m Round SATA Cable

SATRD30CM Datasheet (HTML) - StarTech.com Ltd.


SATRD30CM Product details

Applications
• Connecting servers, SATA drive arrays and storage subsystems
• Compatible with Serial ATA Hard Drives, CD-RW, DVDs, and other
devices

Features
• Round cable with straight latching connectors
• Supports fast data transfer rates of up to 6Gbps when used with
SATA 3.0 compliant drives
• Fully compliant with SATA 6Gb/s Specifications




Similar Part No. - SATRD30CM

ManufacturerPart #DatasheetDescription
logo
BLOCK Transformatoren-E...
SAT 200 BLOCK-SAT 200 Datasheet
104Kb / 2P
Auto Transformer
02.2004
logo
Mini-Circuits
SAT-10DC-3A MINI-SAT-10DC-3A Datasheet
209Kb / 2P
Attenuator
logo
Eravant
SAT-114-07508-C1 ERAVANT-SAT-114-07508-C1 Datasheet
251Kb / 2P
F-Band Orthomode Transducer, 110 to 118 GHz
Rev. 1.2
logo
Micro Electronics
SAT-1311 MICRO-ELECTRONICS-SAT-1311 Datasheet
294Kb / 2P
TRANSFORMER FOR ADSL MODEM
SAT-1312 MICRO-ELECTRONICS-SAT-1312 Datasheet
226Kb / 1P
TRANSFORMER FOR ADSL MODEM
More results


Similar Description - SATRD30CM

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK-ESATA-100-R ASSMANN-AK-ESATA-100-R Datasheet
86Kb / 1P
External SATA (eSATA) Cable
logo
Transcend Information. ...
MTS400 TRANSCEND-MTS400 Datasheet
284Kb / 2P
SATA III M.2 SSDs
logo
Apacer Technology Inc.
SDM5A-M-7P270D-N1 APACER-SDM5A-M-7P270D-N1 Datasheet
1Mb / 4P
SATA Disk Module 5A-M
SDM5A-M-7P180D-SLIM2 APACER-SDM5A-M-7P180D-SLIM2 Datasheet
1Mb / 4P
SATA Disk Module 5A - M
logo
Schneider Electric
VW3CANCARR03 SCHNEIDER-VW3CANCARR03 Datasheet
70Kb / 2P
CANopen cable - 2 x RJ45 - cable 0.3 m
Jan 21, 2022
STBXCA1001 SCHNEIDER-STBXCA1001 Datasheet
118Kb / 2P
Modicon STB - island bus extension cable - for STBXBE1100 - 0.3 m
Apr 12, 2022
VW3A8306R03 SCHNEIDER-VW3A8306R03 Datasheet
87Kb / 2P
cable for Modbus serial link - 2 x RJ45 - cable 0.3 m
Apr 20, 2022
logo
Tripp Lite. All Rights ...
N272-F01-BK TRIPPLITE-N272-F01-BK Datasheet
46Kb / 3P
Cat8 40G Snagless SSTP Ethernet Cable (RJ45 M/M), PoE, Black, 1 ft. (0.3 m)
N272-F01-BL TRIPPLITE-N272-F01-BL Datasheet
52Kb / 3P
Cat8 40G Snagless SSTP Ethernet Cable (RJ45 M/M), PoE, Blue, 1 ft. (0.3 m)
N272-F01-WH TRIPPLITE-N272-F01-WH Datasheet
44Kb / 3P
Cat8 40G Snagless SSTP Ethernet Cable (RJ45 M/M), PoE, White, 1 ft. (0.3 m)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com