Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RUSBLTMM1M Datasheet (PDF) - StarTech.com Ltd.

RUSBLTMM1M Datasheet PDF - StarTech.com Ltd.
Part # RUSBLTMM1M
Download  RUSBLTMM1M Download
File Size   57.73 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 3 foot (1m) Durable White USB-A to Lightning Cable - Heavy Duty Rugged Aramid Fiber USB Type A to Lightning Charger/Sync Power Cord - Apple MFi Certified iPad/iPhone 12

RUSBLTMM1M Datasheet (PDF)

Go To PDF Page Download Datasheet
RUSBLTMM1M Datasheet PDF - StarTech.com Ltd.

Part # RUSBLTMM1M
Download  RUSBLTMM1M Click to download

File Size   57.73 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 3 foot (1m) Durable White USB-A to Lightning Cable - Heavy Duty Rugged Aramid Fiber USB Type A to Lightning Charger/Sync Power Cord - Apple MFi Certified iPad/iPhone 12

RUSBLTMM1M Datasheet (HTML) - StarTech.com Ltd.


RUSBLTMM1M Product details

Applications
• Charge and sync your Lightning mobile devices

Features
• CABLE SPECS: Length: 1 m (3.3 ft.) Color: White Connectors: Lightning & USB-A Performance: USB 2.0
480Mbps Reinforcement: Aramid Fiber Jacket Type: TPE Shield: Al-Mylar Backed by StarTech.com for 2 years
• CHARGE LIGHTNING DEVICES: Compatible with devices equipped with lightning port, incl AirPods, Magic
Keyboard, Magic Trackpad, Magic Mouse and Siri Remote
• APPLE MFI CERTIFIED: USB-A to lightning adapter cable for guaranteed fast & reliable charge/sync from USB
Type-A charger port for lightning devices including iPhone 12 Pro/Max/Mini, iPhone 8/11/11 Pro, iPhone XR, iPad Air,
iPad, iPad Mini
• FLEXIBLE CABLE: TPE jacket absorbs stress of frequent bends without damaging the core of the cable. Durable
wire & connector protects this charge & sync cord from wear & tear of frequent in-car use
• DURABLE: 3.3 ft. Heavy duty lightning cable with Kevlar aramid fiber for high tensile strength increasing reliability &
life of cable; Long lasting cable tested to withstand 10000+ bend cycles at 180 & 5000+ insertions




Similar Part No. - RUSBLTMM1M

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
RUSBLTMM1MB STARTECH-RUSBLTMM1MB Datasheet
70Kb / 3P
3 foot (1m) Durable Black USB-A to Lightning Cable - Heavy Duty Rugged Aramid Fiber USB Type A to Lightning Charger/Sync Power Cord - Apple MFi Certified iPad/iPhone 12
More results


Similar Description - RUSBLTMM1M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
M100-003-LRA-WH TRIPPLITE-M100-003-LRA-WH Datasheet
162Kb / 3P
Right-Angle Lightning Cable, USB Type-A to Lightning, 3 ft. Cord, Reversible Lightning Plug
M100-006-LRA-WH TRIPPLITE-M100-006-LRA-WH Datasheet
162Kb / 3P
Right-Angle Lightning Cable, USB Type-A to Lightning, 6 ft. Cord, Reversible Lightning Plug
M100AB-01M-WH TRIPPLITE-M100AB-01M-WH Datasheet
163Kb / 3P
Safe-IT USB-A to Lightning Sync/Charge Antibacterial Cable (M/M), MFi Certified, White, 1 m (3.3 ft.)
M100AB-02M-WH TRIPPLITE-M100AB-02M-WH Datasheet
163Kb / 3P
Safe-IT USB-A to Lightning Sync/Charge Antibacterial Cable (M/M), MFi Certified, White, 2 m (6.6 ft.)
M100AB-03M-WH TRIPPLITE-M100AB-03M-WH Datasheet
163Kb / 3P
Safe-IT USB-A to Lightning Sync/Charge Antibacterial Cable (M/M), MFi Certified, White, 3 m (9.8 ft.)
M102-01M-WH TRIPPLITE-M102-01M-WH Datasheet
160Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, White, 1 m (3.3 ft.)
M102-02M-WH TRIPPLITE-M102-02M-WH Datasheet
160Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, White, 2 m (6.6 ft.)
M102-003-HD-SL TRIPPLITE-M102-003-HD-SL Datasheet
178Kb / 3P
Heavy-Duty USB-C to Lightning Sync/Charge Cable with Status LED - MFi Certified, M/M, USB 2.0, 3 ft.
M102-03M-BK TRIPPLITE-M102-03M-BK Datasheet
166Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, Black, 3 m (9.8 ft.)
logo
IOGEAR
GUL01 IOGEAR-GUL01 Datasheet
130Kb / 3P
Charge & Sync Cable, 3.3ft (1m) - USB to Lightning Cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com