Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

984712 Datasheet (PDF) - KNIPEX

984712 Datasheet PDF - KNIPEX
Part # 984712
Download  984712 Download
File Size   128.52 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Hexagon Socket for hexagonal screws With internal square 1/2

984712 Datasheet (PDF)

Go To PDF Page Download Datasheet
984712 Datasheet PDF - KNIPEX

Part # 984712
Download  984712 Click to download

File Size   128.52 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Hexagon Socket for hexagonal screws With internal square 1/2

984712 Datasheet (HTML) - KNIPEX


984712 Product details

General
Article No. 98 47 12
EAN 4003773020912
Weight 64 g
Dimensions 55 x 26 x 26 mm
Standard DIN EN 60900 IEC 60900
Reach no
RohS no




Similar Part No. - 984712

ManufacturerPart #DatasheetDescription
logo
KNIPEX
984710 KNIPEX-984710 Datasheet
128Kb / 2P
Hexagon Socket for hexagonal screws With internal square 1/2
05.07.2021
984711 KNIPEX-984711 Datasheet
120Kb / 2P
Hexagon Socket for hexagonal screws With internal square 1/2
05.07.2021
984713 KNIPEX-984713 Datasheet
128Kb / 2P
Hexagon Socket for hexagonal screws With internal square 1/2
05.07.2021
984714 KNIPEX-984714 Datasheet
128Kb / 2P
Hexagon Socket for hexagonal screws With internal square 1/2
05.07.2021
984716 KNIPEX-984716 Datasheet
128Kb / 2P
Hexagon Socket for hexagonal screws With internal square 1/2
05.07.2021
More results


Similar Description - 984712

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89473U MICREL-SY89473U Datasheet
565Kb / 11P
Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY89473U MICREL-SY89473U_07 Datasheet
572Kb / 11P
Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
logo
Bourns Electronic Solut...
3250 BOURNS-3250_12 Datasheet
138Kb / 1P
1/2 ??Square Trimpot짰 Trimming Potentiometer
3252 BOURNS-3252 Datasheet
117Kb / 1P
1/2 ??Square Trimpot짰 Trimming Potentiometer
logo
Micrel Semiconductor
SY89474UMG MICREL-SY89474UMG Datasheet
424Kb / 11P
Precision LVDS 2:1 Multiplexer with 1 2 Fanout and Internal Termination
logo
PHOENIX CONTACT
SF-THEX-2-100 PHOENIX-SF-THEX-2-100 Datasheet
44Kb / 2P
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 2 x 100 mm, ergonomically shaped handle, matt chrome-plated
logo
Integrated Device Techn...
889474 IDT-889474 Datasheet
216Kb / 16P
2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
logo
Renesas Technology Corp
889474 RENESAS-889474 Datasheet
407Kb / 17P
2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
11/11/15
logo
Huber+Suhner, Inc.
ODCS-ZM-A301-02100-P HUBERSUHNER-ODCS-ZM-A301-02100-P Datasheet
1Mb / 2P
2 singlemode fiber ODC socket square connector
ODCS-ZM-B301-02100-P HUBERSUHNER-ODCS-ZM-B301-02100-P Datasheet
1Mb / 2P
2 multimode fiber ODC socket square connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com