Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHDMM1MP Datasheet (PDF) - StarTech.com Ltd.

RHDMM1MP Datasheet PDF - StarTech.com Ltd.
Part # RHDMM1MP
Download  RHDMM1MP Download
File Size   77.24 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 3ft (1m) Premium Certified HDMI 2.0 Cable with Ethernet - Durable High Speed UHD 4K 60Hz HDR - Rugged M/M HDMI Cord with Aramid Fiber - TPE - Ultra HD Monitors, TVs & Displays

RHDMM1MP Datasheet (PDF)

Go To PDF Page Download Datasheet
RHDMM1MP Datasheet PDF - StarTech.com Ltd.

Part # RHDMM1MP
Download  RHDMM1MP Click to download

File Size   77.24 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 3ft (1m) Premium Certified HDMI 2.0 Cable with Ethernet - Durable High Speed UHD 4K 60Hz HDR - Rugged M/M HDMI Cord with Aramid Fiber - TPE - Ultra HD Monitors, TVs & Displays

RHDMM1MP Datasheet (HTML) - StarTech.com Ltd.


RHDMM1MP Product details

Applications
• Connect 4K/Ultra HD displays and devices

Features
• HIGH PERFORMANCE CABLE: 3.3 ft (1 m) Premium Certified HDMI 2.0 with Ethernet, 4K 60Hz (up to
4096x2160p), 18Gbps bandwidth, HDR10 for high contrast ratio, Ultra wide aspect ratio, 32 Ch multi-stream audio
(5.1/7.1/DD+/Dolby TrueHD/Atmos) 1536Hz sampling
• DURABLE: HDMI cable w/aramid fiber for high tensile strength & durability; Tested up to 10000+ bend cycles at 180
angle & 5000+ insertions; Al-Mylar Foil w/ Braid provides EMI shielding ensures signal integrity; Ideal for Commercial
environments
• FLEXIBLE CABLE: Long lasting TPE jacket and strain relief absorbs stress of frequent bends protecting the core of
the rugged UHD HDMI 34AWG cord; TPE is non-toxic, halogen free and RoHS certified for environmental
sustainability
• APPLICATIONS: Ideal for home/office and travel, works with computer/laptop/desktop/workstation; Connect your
TV/monitor/display/projector/soundbar; Samsung/Sony/Apple TV/Dell/LG; Compatible with HDMI 2.0 Ultra HD, 1080p
Full HD and previous HDMI versions
• SPECS: 1 m (3.3 ft) Black HDMI 2.0 HDMI Male to Male 34 AWG Reinforcement: Aramid Fiber Jacket: TPE
EMI Shielding Audio Return Channel (ARC), HDCP 2.2, CEC, BT.2020 colorimetry Lifetime Warranty




Similar Part No. - RHDMM1MP

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
RHDMM1MPW STARTECH-RHDMM1MPW Datasheet
76Kb / 3P
3ft (1m) Premium Certified HDMI 2.0 Cable with Ethernet - Durable High Speed UHD 4K 60Hz HDR - Rugged M/M HDMI Cord with Aramid Fiber - TPE - Ultra HD Monitors, TVs & Displays
More results


Similar Description - RHDMM1MP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P569-006-CERT TRIPPLITE-P569-006-CERT Datasheet
173Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 6 ft.
P569-010 TRIPPLITE-P569-010 Datasheet
157Kb / 2P
High Speed HDMI Cable with Ethernet, Ultra HD 4K x 2K, Digital Video with Audio (M/M), 10-ft.
P569-010-CERT TRIPPLITE-P569-010-CERT Datasheet
175Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 10 ft.
P569-015-CERT TRIPPLITE-P569-015-CERT Datasheet
175Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 15 ft.
P569-016 TRIPPLITE-P569-016 Datasheet
157Kb / 2P
High Speed HDMI Cable with Ethernet, Ultra HD 4K x 2K, Digital Video with Audio (M/M), 16-ft.
P569-020 TRIPPLITE-P569-020 Datasheet
157Kb / 2P
High Speed HDMI Cable with Ethernet, Ultra HD 4K x 2K, Digital Video with Audio (M/M), 20-ft.
P569-025 TRIPPLITE-P569-025 Datasheet
157Kb / 2P
High Speed HDMI Cable with Ethernet, Ultra HD 4K x 2K, Digital Video with Audio (M/M), 25-ft.
P569-006 TRIPPLITE-P569-006 Datasheet
157Kb / 2P
High Speed HDMI Cable with Ethernet, Ultra HD 4K x 2K, Digital Video with Audio (M/M), 6-ft.
P569-001 TRIPPLITE-P569-001 Datasheet
165Kb / 3P
High-Speed HDMI Cable with Ethernet and Digital Video with Audio, UHD 4K x 2K (M/M), 1 ft.
P569-003-CERT TRIPPLITE-P569-003-CERT Datasheet
181Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 3 ft.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com