Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLATE25F16 Datasheet (PDF) - StarTech.com Ltd.

PLATE25F16 Datasheet PDF - StarTech.com Ltd.
Part # PLATE25F16
Download  PLATE25F16 Download
File Size   74.77 Kbytes
Page   2 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 16in DB25 Parallel Female to IDC 26 Pin Header Slot Plate

PLATE25F16 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLATE25F16 Datasheet PDF - StarTech.com Ltd.

Part # PLATE25F16
Download  PLATE25F16 Click to download

File Size   74.77 Kbytes
Page   2 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 16in DB25 Parallel Female to IDC 26 Pin Header Slot Plate

PLATE25F16 Datasheet (HTML) - StarTech.com Ltd.




Similar Part No. - PLATE25F16

ManufacturerPart #DatasheetDescription
logo
Polymaker Industrial
PLA POLYMAKER-PLA Datasheet
143Kb / 2P
PolyLite™ PLA
Nov. 2018 Version 4.0
PLA POLYMAKER-PLA Datasheet
143Kb / 2P
PolyMax™ PLA
Nov. 2018 Version 4.0
PLA POLYMAKER-PLA Datasheet
107Kb / 2P
PolySupport™
Nov. 2018 Version 4.0
PLA POLYMAKER-PLA Datasheet
142Kb / 2P
PolyWood™
Nov. 2018 Version 4.0
logo
SOVICO corp.
PLA-118S SOVICO-PLA-118S Datasheet
775Kb / 2P
Compact Line array Subwoofer
2020.11
More results


Similar Description - PLATE25F16

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
00-9175-00X-701-XX6 AVX-00-9175-00X-701-XX6 Datasheet
728Kb / 6P
26-28AWG IDC WIRE TO BOARD CONNECTOR
logo
Tyco Electronics
2-1435844-5 MACOM-2-1435844-5 Datasheet
75Kb / 1P
AMPTRAC I/O CABLE DB25 TO IDC NON-PLENUM
logo
Assmann Electronics Inc...
AB946 ASSMANN-AB946 Datasheet
317Kb / 1P
WIRING BOX DB25 MALE-DB25 FEMALE
AWP2-26-7241-T ASSMANN-AWP2-26-7241-T Datasheet
69Kb / 1P
IDC Socket - 26 contact
AWP-26-7241-T ASSMANN-AWP-26-7241-T Datasheet
72Kb / 1P
IDC Socket - 26 contact
AWP-26-7541-T ASSMANN-AWP-26-7541-T Datasheet
73Kb / 1P
IDC Socket - 26 contact
logo
Tripp Lite. All Rights ...
U024-06N-IDC TRIPPLITE-U024-06N-IDC Datasheet
154Kb / 2P
USB 2.0 A Female to USB Motherboard 4-PIN IDC Header Cable, 6-in.
logo
PHOENIX CONTACT
1714905 PHOENIX-1714905 Datasheet
85Kb / 5P
IDC female connectors - FP 1,27/ 26-FWL
logo
Advantech Co., Ltd.
BB-232CAM ADVANTECH-BB-232CAM Datasheet
487Kb / 1P
RS-232 Modem Cable DB9 Female to DB25 Male
logo
PHOENIX CONTACT
1378548 PHOENIX-1378548 Datasheet
368Kb / 10P
FR 1,27/ 26-FWL - IDC female connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com