Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEX2S553 Datasheet (PDF) - StarTech.com Ltd.

PEX2S553 Datasheet PDF - StarTech.com Ltd.
Part # PEX2S553
Download  PEX2S553 Download
File Size   155.7 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 2-port PCI Express RS232 Serial Adapter Card - PCIe RS232 Serial Host Controller Card - PCIe to Dual Serial DB9 Card - 16550 UART - Expansion Card - Windows & Linux

PEX2S553 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEX2S553 Datasheet PDF - StarTech.com Ltd.

Part # PEX2S553
Download  PEX2S553 Click to download

File Size   155.7 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 2-port PCI Express RS232 Serial Adapter Card - PCIe RS232 Serial Host Controller Card - PCIe to Dual Serial DB9 Card - 16550 UART - Expansion Card - Windows & Linux

PEX2S553 Datasheet (HTML) - StarTech.com Ltd.


PEX2S553 Product details

Applications
• Self-service automated machines and kiosks to control serial devices such as scales, touchscreens, magnetic card
readers, bar code scanners, receipt printers, label printers
• POS retail applications in grocery stores, and any other retail store to control keyboards, cash drawers, receipt
printers, card readers / card swipes, scales, and elevated displays on poles
• Bank teller workstations in either full profile or low profile versions to control their serial devices such as cash
drawers, card readers / card swipes, printers, keypads / pinpads, pen pads
• Standard ATM automated teller machines to control keypads, receipt printer, card readers / card swipes,
touchscreen LCD's, camera control, etc.
• Used to control multiple surveillance / security cameras in a parking structure, office building, etc.

Features
• 2 PORT SERIAL CARD: Serial controller card w/16550 UART based on ASIX MCS9922CV-AA, allows 2x DB9
ports w/bi-directional RS232 speeds up to 460.8Kbps per port, available 128 byte FIFO buffer Upgraded version of
our popular card PEX2S552
• OPTIONAL CONFIGURABLE POWER: PCI Express RS232 Serial Adapter Card provides choice of 12v, 5v, or
none through pin 9; Each of the 2 ports are individually configurable
• STANDARD PROFILE & LOW PROFILE BRACKET: PCIe multiport serial card comes w/ a standard bracket
pre-installed & 2x low profile brackets incl for versatile install; supports Windows & Linux
• VERSATILE APPLICATIONS: For standard profile desktop/servers with uses in point of sale terminals, PLCs,
control/automation in factories, scientific sensors, medical equipment, scanners, oscilloscope
• THE IT PRO’S CHOICE: Designed and built for IT Professionals, this PCIe serial adapter card is backed for life,
including free lifetime 24/5 multi-lingual technical assistance




Similar Part No. - PEX2S553

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
PEX2S1050 STARTECH-PEX2S1050 Datasheet
151Kb / 4P
2-Port PCI Express Serial Card with 16C1050 UART - RS232
PEX2S952 STARTECH-PEX2S952 Datasheet
184Kb / 5P
2-Port PCI Express RS232 Serial Adapter Card - 16950 UART - 256-byte FIFO Cache - ASIX AX99100 - Full Profile Bracket - Replacement for PEX2S952 (PEX2S953)
PEX2S953 STARTECH-PEX2S953 Datasheet
184Kb / 5P
2-Port PCI Express RS232 Serial Adapter Card - 16950 UART - 256-byte FIFO Cache - ASIX AX99100 - Full Profile Bracket - Replacement for PEX2S952 (PEX2S953)
PEX2S953LP STARTECH-PEX2S953LP Datasheet
165Kb / 5P
2-Port RS232 Serial Adapter Card with 16950 UART
More results


Similar Description - PEX2S553

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII3132 SILICONIMAGE-SII3132 Datasheet
161Kb / 2P
PCI Express to 2-Port Serial ATA II Host Controller
logo
DB Lectro Inc
LS100 DBLECTRO-LS100 Datasheet
298Kb / 2P
Supports RS232 based serial devices via its DB9 serial port
LS100B DBLECTRO-LS100B Datasheet
298Kb / 2P
Supports RS232 based serial devices via its DB9 serial port
LS110 DBLECTRO-LS110 Datasheet
298Kb / 2P
Supports RS232 based serial devices via its DB9 serial port
logo
Tripp Lite. All Rights ...
PCE-D9-04-CBL TRIPPLITE-PCE-D9-04-CBL Datasheet
505Kb / 2P
4-Port DB9 (RS-232) Serial PCI Express (PCIe) Card with Breakout Cable, Full Profile
PCI-D9-02 TRIPPLITE-PCI-D9-02 Datasheet
501Kb / 2P
2-Port DB9 (RS-232) Serial PCI Card with 16550
PCI-D9-02-LP TRIPPLITE-PCI-D9-02-LP Datasheet
497Kb / 2P
2-Port DB9 (RS-232) Serial PCI Card with 16550 UART, Low Profile
logo
Beckhoff Automation Gmb...
C9900-E301 BECKHOFF-C9900-E301 Datasheet
117Kb / 1P
RS232 PCIe module
logo
Coolgear Inc.
CG-232485CBO COOLGEAR-CG-232485CBO Datasheet
161Kb / 1P
2 Port RS232/422/485 Serial to USB 2.0 Combo Adapter
SG-PCIE8SRS422485MOD COOLGEAR-SG-PCIE8SRS422485MOD Datasheet
315Kb / 4P
8 Port Serial RS232/422/485 PCIe Adapter Module
7/16/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com