Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N6SPAT2MBL Datasheet (PDF) - StarTech.com Ltd.

N6SPAT2MBL Datasheet PDF - StarTech.com Ltd.
Part # N6SPAT2MBL
Download  N6SPAT2MBL Download
File Size   82.95 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description Cat6 Patch Cable - Shielded (SFTP) - 2 m, Blue

N6SPAT2MBL Datasheet (PDF)

Go To PDF Page Download Datasheet
N6SPAT2MBL Datasheet PDF - StarTech.com Ltd.

Part # N6SPAT2MBL
Download  N6SPAT2MBL Click to download

File Size   82.95 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description Cat6 Patch Cable - Shielded (SFTP) - 2 m, Blue

N6SPAT2MBL Datasheet (HTML) - StarTech.com Ltd.


N6SPAT2MBL Product details

Applications
• Connect PoE-enabled devices to Gigabit networks
• Connect between computers, hubs, switches, print servers and patch panels
• Connect a workstation to an RJ45 wall outlet
• Deliver data, voice and video over Gigabit networks

Features
• Protect your data against noise and EMI/RFI interference
• Prevent cable damage with moulded RJ45 connectors that also offer strain relief
• Create secured connections with snagless clips that protect the connectors during installation




Similar Part No. - N6SPAT2MBL

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
N6SPAT1MBL STARTECH-N6SPAT1MBL Datasheet
82Kb / 3P
Cat6 Patch Cable - Shielded (SFTP) - 1 m, Blue
N6SPAT1MGR STARTECH-N6SPAT1MGR Datasheet
77Kb / 3P
Cat6 Patch Cable - Shielded (SFTP) - 1m, Gray
N6SPAT5MBK STARTECH-N6SPAT5MBK Datasheet
80Kb / 3P
Cat6 Patch Cable - Shielded (SFTP) - 5 m, Black
More results


Similar Description - N6SPAT2MBL

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCSSP-80005-R ASSMANN-A-MCSSP-80005-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
A-MCSSP-80010-R ASSMANN-A-MCSSP-80010-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
A-MCSSP-80020-R ASSMANN-A-MCSSP-80020-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
A-MCSSP-80030-B-R ASSMANN-A-MCSSP-80030-B-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
A-MCSSP-80050 ASSMANN-A-MCSSP-80050 Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
A-MCSSP-80050-B-R ASSMANN-A-MCSSP-80050-B-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
A-MCSSP-80070-R ASSMANN-A-MCSSP-80070-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
A-MCSSP-80150-R ASSMANN-A-MCSSP-80150-R Datasheet
75Kb / 1P
Cat5e SFTP Patch cable
logo
Tripp Lite. All Rights ...
N200-002-BL TRIPPLITE-N200-002-BL Datasheet
506Kb / 2P
Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Blue, 2 ft.
N201-002-BL TRIPPLITE-N201-002-BL Datasheet
160Kb / 2P
Cat6 Gigabit Snagless Molded Patch Cable (RJ45 M/M) - Blue, 2-ft.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com