Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0564 Datasheet (PDF) - DFROBOT

DFR0564 Datasheet PDF - DFROBOT
Part # DFR0564
Download  DFR0564 Download
File Size   779.3 Kbytes
Page   9 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description USB_Charger_for_7.4V_LiPo_Battery_SKU

DFR0564 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0564 Datasheet PDF - DFROBOT

Part # DFR0564
Download  DFR0564 Click to download

File Size   779.3 Kbytes
Page   9 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description USB_Charger_for_7.4V_LiPo_Battery_SKU

DFR0564 Datasheet (HTML) - DFROBOT


DFR0564 Product details

Features
High Efficieny Boost Type USB Charger, Designed for 7.4 Lithium Battery
Charge Input and Battery Port Reserved Pads for Easy Modification and Measurement
All-Round Protection of Battery and Power Supply
Multifunction LED Status Indicator, System Status at a Glance
USB ESD Shell
Applications
Robots and Motor Drivers
Lithium Battery Charger
Detailed Description
USB Charge Requirements
The module has an adaptive current limiting function that automatically limits thecharging current according to the load capacity of the external input power supply,which protects the power supply from overload. Regardless of the nominal power ofthe 5V power source, the module can safely and efficiently charge the lithiumbattery. Under normal circumstances, a 5V 1A AC adapter (or power bank) canprovide more than 500mA charging current for the batteries, while a 5V 2A ACadapter (or charging treasure) can provide more than 700mA (up to 1A) of chargingcurrent for the batteries. The actual charging current and efficiency depends on load
capacity of the power supply and the power loss of the cable. Low-power ACadapters and excessively long USB cable can easily trigger the current limitingfunction, which greatly reduces the charging current and, hence, prolongs thecharging period. In order to make full use of the charging capacity of the module, itis recommended to use a high-quality 5V 2A mobile phone AC adapter (or powerbank) and the shortest possible USB charging cable to reduce the power loss.




Similar Part No. - DFR0564

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0563 DFROBOT-DFR0563 Datasheet
408Kb / 10P
Gravity: 3.7V Li Battery Fuel Gauge SKU: DFR0563
7-18-18
DFR0565 DFROBOT-DFR0565 Datasheet
370Kb / 4P
Gravity: Digital Signal Isolator
9-11-18
DFR0566 DFROBOT-DFR0566 Datasheet
1Mb / 18P
IO Expansion HAT for Raspberry Pi 4B/3B
12-5-19
DFR0568 DFROBOT-DFR0568 Datasheet
1Mb / 4P
DC-DC Automatic Step Up-down Power Module (2.5~15V to 3.3V 600mA)
8-7-18
DFR0569 DFROBOT-DFR0569 Datasheet
235Kb / 3P
DC-DC Automatic Step Up-down Power Module (3~15V to 5V 600mA)
8-7-18
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com