Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

974910 Datasheet (PDF) - KNIPEX

974910 Datasheet PDF - KNIPEX
Part # 974910
Download  974910 Download
File Size   148.16 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Crimping die For non-insulated tube and crimp cable lugs and non-insulated butt and crimp connectors in accordance with DIN 46341

974910 Datasheet (PDF)

Go To PDF Page Download Datasheet
974910 Datasheet PDF - KNIPEX

Part # 974910
Download  974910 Click to download

File Size   148.16 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Crimping die For non-insulated tube and crimp cable lugs and non-insulated butt and crimp connectors in accordance with DIN 46341

974910 Datasheet (HTML) - KNIPEX


974910 Product details

General
Article No. 97 49 10
EAN 4003773076896
Weight 37 g
Dimensions 12 x 32 mm
REACH compliant does not contain SVHC
RoHS compliant not applicable




Similar Part No. - 974910

ManufacturerPart #DatasheetDescription
logo
KNIPEX
974911 KNIPEX-974911 Datasheet
145Kb / 1P
Crimping die For non-insulated crimp
29.05.2024
974914 KNIPEX-974914 Datasheet
147Kb / 1P
Crimping die For non-insulated crimp
29.05.2024
974915 KNIPEX-974915 Datasheet
145Kb / 2P
Crimping die For plug connectors and non-insulated open plug-type connectors
05.07.2021
974916 KNIPEX-974916 Datasheet
138Kb / 1P
Crimping die For insulated cable lugs and cable connectors
29.05.2024
974918 KNIPEX-974918 Datasheet
127Kb / 1P
Crimping die For twin wire ferrules
29.05.2024
More results


Similar Description - 974910

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0030 MOLEXKITS-76650-0030 Datasheet
40Kb / 4P
Assorted Non-Insulated and PVC Insulated Quick Disconnect, Ring, Spade and Butt
logo
PANDUIT CORP.
BS18 PANDUIT-BS18 Datasheet
79Kb / 1P
NON-INSULATED BUTT SPLICE
logo
PHOENIX CONTACT
CRIMPFOX-INC-6 PHOENIX-CRIMPFOX-INC-6 Datasheet
95Kb / 3P
Crimping pliers for insulated cable lugs and connectors
CRIMPFOX-LC-INC-6 PHOENIX-CRIMPFOX-LC-INC-6 Datasheet
89Kb / 3P
Crimp insert for insulated cable lugs and connectors, with locator, 0.5 -6.0 mm짼
CRIMPFOX-UR-10 PHOENIX-CRIMPFOX-UR-10 Datasheet
73Kb / 2P
Crimping pliers, for non-insulated connections, (cable lugs, ring or tabtype)
CRIMPFOX-ZA-5 PHOENIX-CRIMPFOX-ZA-5 Datasheet
75Kb / 2P
Crimping pliers, for non-insulated connections, (cable lugs, ring or tabtype)
CRIMPFOX-C50-RC-25 PHOENIX-CRIMPFOX-C50-RC-25 Datasheet
47Kb / 2P
Die (lower part), for CRIMPFOX-C50, for non-insulated cable lugs (DIN 46228) 25 mm짼, trapeze crimp
CRIMPFOX-C50-RC-35 PHOENIX-CRIMPFOX-C50-RC-35 Datasheet
47Kb / 2P
Die (upper part), for CRIMPFOX-C50, for non-insulated cable lugs (DIN 46234) 6 35 mm짼, indent crimp
CRIMPFOX-C120-RC-50 PHOENIX-CRIMPFOX-C120-RC-50 Datasheet
47Kb / 2P
Die (lower part), for CRIMPFOX-C120, for non-insulated cable lugs (DIN 46234) 6 50 mm짼, indent crimp
CRIMPFOX-C120-RC-70 PHOENIX-CRIMPFOX-C120-RC-70 Datasheet
47Kb / 2P
Die (upper part), for CRIMPFOX-C120, for non-insulated cable lugs (DIN 46234) 6 70 mm짼, indent crimp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com