Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSATA6 Datasheet (PDF) - StarTech.com Ltd.

LSATA6 Datasheet PDF - StarTech.com Ltd.
Part # LSATA6
Download  LSATA6 Download
File Size   79.48 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 6in Latching SATA Cable

LSATA6 Datasheet (PDF)

Go To PDF Page Download Datasheet
LSATA6 Datasheet PDF - StarTech.com Ltd.

Part # LSATA6
Download  LSATA6 Click to download

File Size   79.48 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 6in Latching SATA Cable

LSATA6 Datasheet (HTML) - StarTech.com Ltd.


LSATA6 Product details

Applications
Installing Serial ATA hard drives, and DVD drives in Small Form Factor computer cases
Server and storage subsystem applications
High-end workstation drive installations
Connections to SATA Drive Arrays

Features
• 2x Latching SATA connectors
• Supports full SATA 3.0 6Gbps bandwidth
• Compatible with both 3.5" and 2.5" SATA hard drives
• Provides 6" in cable length




Similar Part No. - LSATA6

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
DONG IL TECHNOLOGY LTD.
LSA DIT-LSA Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
logo
SHINMEI ELECTRIC CO., L...
LSA-1112J5 SHINMEI-LSA-1112J5 Datasheet
87Kb / 1P
Normally open type leaf switch
LSA-1119E SHINMEI-LSA-1119E Datasheet
74Kb / 2P
Normally open type leaf switch
LSA-1119F SHINMEI-LSA-1119F Datasheet
74Kb / 2P
Normally open type leaf switch
More results


Similar Description - LSATA6

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK-ESATA-075-R ASSMANN-AK-ESATA-075-R Datasheet
86Kb / 1P
External SATA (eSATA) Cable
AK-ESATA-100-R ASSMANN-AK-ESATA-100-R Datasheet
86Kb / 1P
External SATA (eSATA) Cable
AK-ESATA-150-R ASSMANN-AK-ESATA-150-R Datasheet
86Kb / 1P
External SATA (eSATA) Cable
logo
Tripp Lite. All Rights ...
P94008I TRIPPLITE-P94008I Datasheet
480Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin-7Pin), 8-in
P94019I TRIPPLITE-P94019I Datasheet
480Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin-7Pin), 19-in
P94039I TRIPPLITE-P94039I Datasheet
480Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin-7Pin), 39-in
P940-39I TRIPPLITE-P940-39I Datasheet
483Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 39-in.
P940-08I TRIPPLITE-P940-08I Datasheet
158Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 8-in.
P940-12I TRIPPLITE-P940-12I Datasheet
157Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 12-in.
P940-19I TRIPPLITE-P940-19I Datasheet
158Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 19-in.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com