Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDMM21V1M Datasheet (PDF) - StarTech.com Ltd.

HDMM21V1M Datasheet PDF - StarTech.com Ltd.
Part # HDMM21V1M
Download  HDMM21V1M Download
File Size   72.79 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 3ft (1m) HDMI 2.1 Cable 8K - Certified Ultra High Speed HDMI Cable 48Gbps - 8K 60Hz/4K 120Hz HDR10 eARC - Ultra HD 8K HDMI Cable - Monitor/TV/Display - Flexible TPE Jacket

HDMM21V1M Datasheet (PDF)

Go To PDF Page Download Datasheet
HDMM21V1M Datasheet PDF - StarTech.com Ltd.

Part # HDMM21V1M
Download  HDMM21V1M Click to download

File Size   72.79 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 3ft (1m) HDMI 2.1 Cable 8K - Certified Ultra High Speed HDMI Cable 48Gbps - 8K 60Hz/4K 120Hz HDR10 eARC - Ultra HD 8K HDMI Cable - Monitor/TV/Display - Flexible TPE Jacket

HDMM21V1M Datasheet (HTML) - StarTech.com Ltd.


HDMM21V1M Product details

Features
• HIGH PERFORMANCE 8K CABLE: 3.3 ft (1m) Ultra HD HDMI 2.1 cable; 8K/5K 60Hz, 4K 120Hz video (48Gbps);
Dynamic HDR10+ & Dolby Vision for high contrast & vivid picture; eARC, DTS-HD Master Audio/DTS:X/Dolby
TrueHD/Atmos for high quality audio; HDCP 2.3
• ULTRA CERTIFIED CABLE: Ultra High Speed HDMI 2.1 Certification ensures that each cable will deliver full 8K
performance & beyond; Encased in die-cast aluminium shielding to improve signal integrity & prevent signal
degradation due to EMI Interference
• DURABLE: UHD HDMI cord is tested to withstand 10,000+ insertions & 600+ bend cycles at 120; corrosion-free
gold-plated connectors; Long lasting flexible TPE jacket & strain relief; TPE is non-toxic & halogen free for
environmental sustainability
• APPLICATIONS: 8K HDMI cable is ideal for Commercial, AV Production & High-Res applications; For home, office,
classroom; works w/ computer, laptop, desktop or workstation to connect your TV/monitor/display/projector;
Samsung/Sony/Apple TV/Dell/LG;
• SPECS: 1m (3.3 feet) HDMI 2.1 Certified Ultra High Speed HDMI Cable 48Gbps HDMI Male to Male 6 mm
(0.24") Outer Diameter, 30AWG TPE Jacket Al-Mylar Foil w/Braid EMI Shielding Works with HDMI
2.0b/2.0a/2.0/1.4 StarTech.com Lifetime Warranty




Similar Part No. - HDMM21V1M

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HDMM21V2M STARTECH-HDMM21V2M Datasheet
72Kb / 4P
6ft (2m) HDMI 2.1 Cable 8K - Certified Ultra High Speed HDMI Cable 48Gbps - 8K 60Hz/4K 120Hz HDR10 eARC - Ultra HD 8K HDMI Cable - Monitor/TV/Display - Flexible TPE Jacket
HDMM21V3M STARTECH-HDMM21V3M Datasheet
86Kb / 4P
10ft (3m) HDMI 2.1 Cable 8K - Certified Ultra High Speed HDMI Cable 48Gbps - 8K 60Hz/4K 120Hz HDR10 eARC - Ultra HD 8K HDMI Cable - Monitor/TV/Display - Flexible TPE Jacket
HDMM21V5M STARTECH-HDMM21V5M Datasheet
86Kb / 4P
16ft (5m) HDMI 2.1 Cable 8K - Certified Ultra High Speed HDMI Cable 48Gbps - 8K 60Hz/4K 120Hz HDR10 eARC - Ultra HD 8K HDMI Cable - Monitor/TV/Display - Flexible TPE Jacket
More results


Similar Description - HDMM21V1M

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE300300-1 PASTERNACK-PE300300-1 Datasheet
219Kb / 1P
HDMI CABLE ASSEMBLY
logo
Tripp Lite. All Rights ...
P568-016 TRIPPLITE-P568-016 Datasheet
157Kb / 2P
High Speed HDMI Cable, Ultra HD 4K x 2K, Digital Video with Audio (M/M), Black, 16-ft.
P568F-10M-8K6 TRIPPLITE-P568F-10M-8K6 Datasheet
173Kb / 4P
8K HDMI Plenum-Rated Fiber Active Optical Cable (AOC) - 8K UHD @ 60 Hz, HDR, M/M, Black, 10 m
P568F-15M-8K6 TRIPPLITE-P568F-15M-8K6 Datasheet
173Kb / 4P
8K HDMI Plenum-Rated Fiber Active Optical Cable (AOC) - 8K UHD @ 60 Hz, HDR, M/M, Black, 15 m
P568F-20M-8K6 TRIPPLITE-P568F-20M-8K6 Datasheet
173Kb / 4P
8K HDMI Plenum-Rated Fiber Active Optical Cable (AOC) - 8K UHD @ 60 Hz, HDR, M/M, Black, 20 m
P568F-25M-8K6 TRIPPLITE-P568F-25M-8K6 Datasheet
173Kb / 4P
8K HDMI Plenum-Rated Fiber Active Optical Cable (AOC) - 8K UHD @ 60 Hz, HDR, M/M, Black, 25 m
P568F-30M-8K6 TRIPPLITE-P568F-30M-8K6 Datasheet
173Kb / 4P
8K HDMI Plenum-Rated Fiber Active Optical Cable (AOC) - 8K UHD @ 60 Hz, HDR, M/M, Black, 30 m
logo
IOGEAR
GHSP8422 IOGEAR-GHSP8422 Datasheet
148Kb / 3P
4K Ultra HD 2-Port Splitter with HDMI Connectors
GHSP8424 IOGEAR-GHSP8424 Datasheet
160Kb / 3P
4K Ultra HD 4-Port Splitter with HDMI Connectors
logo
Electronic Components L...
CP30288 CLIFF-CP30288 Datasheet
462Kb / 1P
8K HDMI FEMALE - FEMALE FEEDTHROUGH CONNECTOR
05/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com