Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9518225 Datasheet (PDF) - KNIPEX

9518225 Datasheet PDF - KNIPEX
Part # 9518225
Download  9518225 Download
File Size   82.25 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description KNIPEX StepCut® XL Cable shears with step cut

9518225 Datasheet (PDF)

Go To PDF Page Download Datasheet
9518225 Datasheet PDF - KNIPEX

Part # 9518225
Download  9518225 Click to download

File Size   82.25 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description KNIPEX StepCut® XL Cable shears with step cut

9518225 Datasheet (HTML) - KNIPEX


9518225 Product details

General
Article No. 95 18 225
EAN 4003773089964
Shears burnished
Head burnished
Handles insulating multi-component handle, VDE-tested
Dimensions 65 x 29 mm
REACH compliant does not contain SVHC
RoHS compliant not applicable




Similar Part No. - 9518225

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9518 KEYSTONE-9518 Datasheet
183Kb / 1P
8-32 FLAT HEAD SCREW
9518 KEYSTONE-9518 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Festo Corporation.
9518 FESTO-9518 Datasheet
100Kb / 1P
Flow control/muffler
logo
pro-elec
95188 PRO-ELEC-95188 Datasheet
46Kb / 2P
45A Double Pole Cooker Switches
29/04/08 V1.0
95188N PRO-ELEC-95188N Datasheet
46Kb / 2P
45A Double Pole Cooker Switches
29/04/08 V1.0
More results


Similar Description - 9518225

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC2000 ETC2-MC2000 Datasheet
77Kb / 1P
Professional Microphone Cable - XL
AMCC ETC-AMCC Datasheet
949Kb / 4P
AMCC Series Cut Core FINEMET® F3CC Series Cut Core
Apr. 16
logo
Lapp.
52005590 LAPP-52005590 Datasheet
158Kb / 2P
SKINDICHT® SHZ / SHZ-XL
06.06.2023
52104330 LAPP-52104330 Datasheet
132Kb / 2P
SKINDICHT® ZS-M / ZS-M-XL
12.06.2023
52106000 LAPP-52106000 Datasheet
190Kb / 2P
SKINDICHT® ZSE-M / ZSE-M-XL
03.07.2018
52106700 LAPP-52106700 Datasheet
160Kb / 2P
SKINDICHT® SHZ-M / SHZ-M-XL
06.06.2023
52115700 LAPP-52115700 Datasheet
144Kb / 2P
SKINTOP® MS-XL/ MSR-XL
03.07.2018
53112005 LAPP-53112005 Datasheet
293Kb / 2P
SKINTOP® MS-M-XL / MSR-M-XL
20.06.2023
53112210 LAPP-53112210 Datasheet
121Kb / 2P
SKINTOP® MS–SC / MS–SC-XL
03.07.2018
53113200 LAPP-53113200 Datasheet
135Kb / 2P
SKINTOP® GRIP-M / GRIP-XL-M
09.09.2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com