Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDACFM5IN Datasheet (PDF) - StarTech.com Ltd.

HDACFM5IN Datasheet PDF - StarTech.com Ltd.
Part # HDACFM5IN
Download  HDACFM5IN Download
File Size   71.12 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 5in Mini HDMI to HDMI Adapter - 4K High Speed HDMI Adapter - 4K 30Hz Ultra HD High Speed HDMI Adapter - HDMI 1.4 - Gold Plated Connectors - UHD Mini HDMI Adapter 4K - Black

HDACFM5IN Datasheet (PDF)

Go To PDF Page Download Datasheet
HDACFM5IN Datasheet PDF - StarTech.com Ltd.

Part # HDACFM5IN
Download  HDACFM5IN Click to download

File Size   71.12 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 5in Mini HDMI to HDMI Adapter - 4K High Speed HDMI Adapter - 4K 30Hz Ultra HD High Speed HDMI Adapter - HDMI 1.4 - Gold Plated Connectors - UHD Mini HDMI Adapter 4K - Black

HDACFM5IN Datasheet (HTML) - StarTech.com Ltd.


HDACFM5IN Product details

Applications
• Connect HDMI Mini-enabled devices such as digital cameras to a High-Definition display or television, using a
regular HDMI Male to Male cable.

Features
• HIGH SPEED MINI HDMI ADAPTER: 5in Mini HDMI to HDMI Adapter supports 4K (3840x2160p, 30Hz
4096x2160p, 24Hz), Full HD (1920x1080p, 120Hz), 10.2 Gbps bandwidth, wide aspect ratio, 8Ch Audio




Similar Part No. - HDACFM5IN

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HDACMM1M STARTECH-HDACMM1M Datasheet
76Kb / 3P
1m Mini HDMI to HDMI Cable with Ethernet - 4K 30Hz High Speed Mini HDMI to HDMI Adapter Cable - Mini HDMI Type-C Device to HDMI Monitor/Display - Durable Video Converter Cord
More results


Similar Description - HDACFM5IN

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
687860007 MOLEX2-687860007 Datasheet
152Kb / 2P
MICRO HDMI TO HDMI A RECP ADAPTER
logo
Tripp Lite. All Rights ...
P136000UHDV2 TRIPPLITE-P136000UHDV2 Datasheet
508Kb / 2P
DisplayPort to HDMI 4K Video Adapter, DP 1.2 to HDMI Active Audio - Video Converter
P142000MINI TRIPPLITE-P142000MINI Datasheet
493Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F-M)
P137-06N-HV-V2W TRIPPLITE-P137-06N-HV-V2W Datasheet
488Kb / 2P
Keyspan Mini DisplayPort 1.2 to VGA/HDMI All-in-One Converter Adapter, 4K x 2K HDMI
P136-06N-HV-V2 TRIPPLITE-P136-06N-HV-V2 Datasheet
494Kb / 2P
DisplayPort 1.2 to VGA/HDMI All-in-One Converter Adapter, 4K x 2K HDMI 24 30Hz
P137-06N-HDR-W TRIPPLITE-P137-06N-HDR-W Datasheet
162Kb / 3P
Mini DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, White
P142-000-MINI TRIPPLITE-P142-000-MINI Datasheet
161Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F/M)
logo
IOGEAR
GMDPHDW6 IOGEAR-GMDPHDW6 Datasheet
143Kb / 3P
Mini DisplayPort to HDMI Adapter Cable
GMDPHD4KA IOGEAR-GMDPHD4KA Datasheet
151Kb / 3P
Active Mini DisplayPort to HDMI Adapter with 4K Support
logo
Advantech Co., Ltd.
VEGA-1010 ADVANTECH-VEGA-1010 Datasheet
134Kb / 1P
4K UHD HDMI Video Mixer
29-Mar-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com