Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD2MM15MA Datasheet (PDF) - StarTech.com Ltd.

HD2MM15MA Datasheet PDF - StarTech.com Ltd.
Part # HD2MM15MA
Download  HD2MM15MA Download
File Size   84.01 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 50ft (15m) HDMI 2.0 Cable - 4K 60Hz Active HDMI Cable - CL2 Rated for In Wall Installation - Long Durable High Speed UHD HDMI Cable - HDR, 18Gbps - Male to Male Cord - Black

HD2MM15MA Datasheet (PDF)

Go To PDF Page Download Datasheet
HD2MM15MA Datasheet PDF - StarTech.com Ltd.

Part # HD2MM15MA
Download  HD2MM15MA Click to download

File Size   84.01 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 50ft (15m) HDMI 2.0 Cable - 4K 60Hz Active HDMI Cable - CL2 Rated for In Wall Installation - Long Durable High Speed UHD HDMI Cable - HDR, 18Gbps - Male to Male Cord - Black

HD2MM15MA Datasheet (HTML) - StarTech.com Ltd.


HD2MM15MA Product details

Applications
• For in-wall installations where CL2 fire rating is required
• Connect 4K/Ultra HD displays and devices
• Connect HDMI projectors in boardrooms, classrooms or conference rooms

Features
• 4K HDMI CABLE: Ultra HD HDMI 2.0 cable w/18Gbps bandwidth; 4K 60Hz UHD (3840x2160), HDR for high
contrast ratio, 21:9 cinema aspect ratio, 32 audio channels at 1536Hz sampling rate & 3D video support
• ACTIVE CIRCUITRY: Active bus powered amplifier boosts video up to 50ft/15m (no power supply needed),
supports BT.2020 colorimetry & multi-stream audio to up to 4 users; performs to full HDMI 2.0 specs
• DURABLE CABLE: Ideal for in-wall installations where CL2 rating required; Flexible PVC jacket; Al-Mylar Foil shield
& gold plated connectors w/metal shell improve signal integrity & block external EMI
• APPLICATIONS: Long high speed HDMI cable for use in home/offices/boardrooms/conference rooms/classrooms,
works w/ your laptop for presentations via 4K monitors, projectors or displays w/CEC functions
• SPECS: 50' (15m) Black HDMI 2.0 HDMI Cord Male to Male Jacket: PVC Al-Mylar EMI Shielding CL2 Fire
Rated 2-Year Warranty Note: HDMI connector labelled "TV" connects to the display side




Similar Part No. - HD2MM15MA

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
HD2-12-A SLPOWER-HD2-12-A Datasheet
720Kb / 7P
Commercial/Medical International Linears
logo
Pepperl+Fuchs Inc.
HD2-DM-A PF-HD2-DM-A Datasheet
1Mb / 6P
Fieldbus Power Hub, Advanced Diagnostic Module
HD2-DM-A.RO PF-HD2-DM-A.RO Datasheet
1Mb / 6P
Fieldbus Power Hub, Advanced Diagnostic Module with Relay Output
HD2-DM-B PF-HD2-DM-B Datasheet
1Mb / 4P
Fieldbus Power Hub, Basic Diagnostic Module
HD2-FBPS-1.17.500 PF-HD2-FBPS-1.17.500 Datasheet
1Mb / 3P
Fieldbus Power Hub, Power Supply Module
More results


Similar Description - HD2MM15MA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD-DVI-MM-4 ETC2-HD-DVI-MM-4 Datasheet
1Mb / 2P
HDMI Cable, HDMI Male / DVI-D Male Single Link 4.0 M
logo
Assmann Electronics Inc...
AK627-10-R ASSMANN-AK627-10-R Datasheet
294Kb / 1P
HDMI CABLE, A/MALE TO A/MALE
logo
Tripp Lite. All Rights ...
P130-06N-AUDIO TRIPPLITE-P130-06N-AUDIO Datasheet
171Kb / 3P
UHD 4K x 2K @ 30 Hz HDMI Audio De-Embedder/Extractor with Built-In HDMI Cable
P582-010-4K6AE TRIPPLITE-P582-010-4K6AE Datasheet
167Kb / 3P
DisplayPort 1.2a to HDMI 2.0 Active Adapter Cable (M/M) - Grip HDMI Plug, 4K @ 60 Hz, 10 ft., Black
P582-015-4K6AE TRIPPLITE-P582-015-4K6AE Datasheet
167Kb / 3P
DisplayPort 1.2a to HDMI 2.0 Active Adapter Cable (M/M) - Grip HDMI Plug, 4K @ 60 Hz, 15 ft., Black
U444F3-10M-H4K6 TRIPPLITE-U444F3-10M-H4K6 Datasheet
188Kb / 3P
High-Speed USB-C to HDMI Fiber Active Optical Cable (AOC) - UHD 4K 60 Hz, HDR, CL3 Rated, Black, 10 m
U444F3-15M-H4K6 TRIPPLITE-U444F3-15M-H4K6 Datasheet
188Kb / 3P
High-Speed USB-C to HDMI Fiber Active Optical Cable (AOC) - UHD 4K 60 Hz, HDR, CL3 Rated, Black, 15 m
U444F3-20M-H4K6 TRIPPLITE-U444F3-20M-H4K6 Datasheet
188Kb / 3P
High-Speed USB-C to HDMI Fiber Active Optical Cable (AOC) - UHD 4K 60 Hz, HDR, CL3 Rated, Black, 20 m
U444F3-30M-H4K6 TRIPPLITE-U444F3-30M-H4K6 Datasheet
188Kb / 3P
High-Speed USB-C to HDMI Active Optical Cable (AOC) - UHD 4K 60 Hz, HDR, CL3 Rated, Black, 30 m (98 ft.)
U444F3-50M-H4K6 TRIPPLITE-U444F3-50M-H4K6 Datasheet
188Kb / 3P
High-Speed USB-C to HDMI Fiber Active Optical Cable (AOC) - UHD 4K 60 Hz, HDR, CL3 Rated, Black, 50 m
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com