Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKT31CMDPHPD Datasheet (PDF) - StarTech.com Ltd.

DKT31CMDPHPD Datasheet PDF - StarTech.com Ltd.
Part # DKT31CMDPHPD
Download  DKT31CMDPHPD Download
File Size   142.92 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter - USB-C to HDMI or Mini DisplayPort 4K 60Hz, 100W Power Delivery Pass-Through, 4-Port 10Gbps USB Hub - USB Type-C Mini Dock - w/ 12" Attached Cable

DKT31CMDPHPD Datasheet (PDF)

Go To PDF Page Download Datasheet
DKT31CMDPHPD Datasheet PDF - StarTech.com Ltd.

Part # DKT31CMDPHPD
Download  DKT31CMDPHPD Click to download

File Size   142.92 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter - USB-C to HDMI or Mini DisplayPort 4K 60Hz, 100W Power Delivery Pass-Through, 4-Port 10Gbps USB Hub - USB Type-C Mini Dock - w/ 12" Attached Cable

DKT31CMDPHPD Datasheet (HTML) - StarTech.com Ltd.


DKT31CMDPHPD Product details

Features
• 6-IN-1 USB-C MULTIPORT ADAPTER: Compact USB-C adapter w/ DP 1.4 Alt-Mode up to 4K 60Hz (4K 30Hz
w/DP 1.2) HDMI 2.0b or Mini DisplayPort video; 4-Port 10Gbps USB Hub (USB 3.2/3.1 Gen 2): 3x USB-A w/ 1x BC
1.2 charging, 2x USB-C (1x PD Passthrough, 1x data)
• EXTRA LONG CABLE: Portable USB Type-C multiport adapter dongle w/ 12" (30cm) attached cable for extended
reach to reduce port/connector strain on 2-in-1 devices like Surface Pro 7, iPad Pro, HP Elite & laptops on risers;
Works with USB4, Thunderbolt 3 & 4
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter; 100W Power Delivery 3.0
pass through w/ 15W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common
in other hubs; up to 85W for laptop charging
• WIDE COMPATIBILITY: USBC mini dock works w/ USB-C laptops, ultrabooks & Chromebooks, plus TB3 laptops
like HP, Dell XPS 13 9310, Lenovo X1 Carbon 9th Gen, MacBooks (Intel processor & M1 chip), Surface Laptop 4;
Windows, macOS, iPadOS, Android & Chrome OS
• 4K 60HZ WITH DP 1.4 ALT-MODE: Supports 4K 60Hz on host devices that support DP 1.4 Alt-Mode (min. Intel
11th Gen); on host devices that support DP 1.2 Alt-Mode, maximum video resolution is 4K 30Hz; works w/
DisplayPort monitors using a mDP to DP cable
• PORTABLE & COMPACT: All-in-one USB-C multiport adapter dongle is made from durable aluminum & designed
for transport in a laptop bag for easy on-the-go use between office, home office, shared office spaces, and business
travel; works w/ 5Gbps USBC ports




Similar Part No. - DKT31CMDPHPD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKT31CH2CPD3 STARTECH-DKT31CH2CPD3 Datasheet
125Kb / 5P
USB-C Multiport Adapter, 4K 60Hz HDMI 2.0b, HDR, USB 3.2 Gen 2 10Gbps Hub (2xUSB-C,1xUSB-A), 100W PD Pass-Through, Mini Travel Dock, 12"/30cm Cable, Laptop Docking Station
DKT31CHDVCM STARTECH-DKT31CHDVCM Datasheet
149Kb / 5P
USB C Multiport Adapter - USB 3.1 Gen 2 10Gbps Type-C Mini Dock with 4K 60Hz HDMI/DisplayPort or 1080p VGA - 75W PD Passthrough, 3-Port USB Hub, GbE - Mobile Docking Station
DKT31CHPD3 STARTECH-DKT31CHPD3 Datasheet
149Kb / 5P
USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-through - 3-Port 10Gbps USB Hub - Portable USB Type-C Mini Docking Station - 10" (25cm) Cable
DKT31CHPDL STARTECH-DKT31CHPDL Datasheet
61Kb / 4P
USB C Multiport Adapter - 10Gbps USB Type-C Mini Dock with 4K 30Hz HDMI - 100W Power Delivery Passthrough - 3-Port USB Hub, GbE - USB 3.1/3.2 Gen 2 Laptop Dock - 10" Cable
DKT31CHVL STARTECH-DKT31CHVL Datasheet
155Kb / 5P
USB-C Multiport Adapter - USB 3.1 Gen 2 Type-C Mini Dock - USB-C to 4K HDMI or 1080p VGA Video - 10Gbps USB-A USB-C, GbE - Portable Travel Laptop Dock - Works w/Thunderbolt 3
More results


Similar Description - DKT31CMDPHPD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC000996 ETC2-MC000996 Datasheet
219Kb / 1P
USB C to USB C Cable
logo
Tripp Lite. All Rights ...
U444-06N-H4-C TRIPPLITE-U444-06N-H4-C Datasheet
513Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI DisplayPort Alternate Mode External Video Adapter with USB-C Charging Port, 4K x 2K
U444-06N-H4GU-C TRIPPLITE-U444-06N-H4GU-C Datasheet
518Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 4K x 2K
U444-06N-H4U-C TRIPPLITE-U444-06N-H4U-C Datasheet
515Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 4K x 2K
U444-006-MDP TRIPPLITE-U444-006-MDP Datasheet
187Kb / 4P
USB 3.1 Gen 1 USB-C to Mini DisplayPort 4K Adapter Cable (M/M), Thunderbolt 3 Compatible, 4K @60Hz, 6 ft.
U444-06N-DP-C TRIPPLITE-U444-06N-DP-C Datasheet
170Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter with USB-C PD Charging Port, Thunderbolt 3 Compatible, 4K @60Hz
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
U442-DOCK8-BINT TRIPPLITE-U442-DOCK8-BINT Datasheet
55Kb / 6P
USB-C Dock, Triple Display - 4K 60 Hz HDMI/DisplayPort, USB 3.2 Gen 2, USB-A/USB-C Hub, GbE, 85W PD Charging, EU/UK Power Adapters
logo
Coolgear Inc.
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
CG-UCUSBPDB COOLGEAR-CG-UCUSBPDB Datasheet
125Kb / 3P
USB-C to USB-B Power Delivery USB 3.1 Adapter w/Mounting Kit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com