Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKT30CSDHPD3 Datasheet (PDF) - StarTech.com Ltd.

DKT30CSDHPD3 Datasheet PDF - StarTech.com Ltd.
Part # DKT30CSDHPD3
Download  DKT30CSDHPD3 Download
File Size   155.96 Kbytes
Page   6 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter - USB-C Travel Dock to 4K HDMI, 3x USB 3.0 Hub, SD/SDHC, GbE, 60W PD 3.0 Pass-Through - USB Type-C/Thunderbolt 3 - Upgraded Version of DKT30CSDHPD

DKT30CSDHPD3 Datasheet (PDF)

Go To PDF Page Download Datasheet
DKT30CSDHPD3 Datasheet PDF - StarTech.com Ltd.

Part # DKT30CSDHPD3
Download  DKT30CSDHPD3 Click to download

File Size   155.96 Kbytes
Page   6 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter - USB-C Travel Dock to 4K HDMI, 3x USB 3.0 Hub, SD/SDHC, GbE, 60W PD 3.0 Pass-Through - USB Type-C/Thunderbolt 3 - Upgraded Version of DKT30CSDHPD

DKT30CSDHPD3 Datasheet (HTML) - StarTech.com Ltd.


DKT30CSDHPD3 Product details

Applications
• Ideal for meetings and making presentations in the boardroom
• Transfer photos, videos or other files from your SD cards to your USB-C laptop, tablet or other device
• Use an HDMI port-equipped television in a hotel room as an external display
• Power the adapter and your laptop through USB-C, using your laptop’s power adapter
• Ideal for small workspaces in offices, home offices as well as office hoteling

Features
• LATEST MODEL: An upgrade to DKT30CSDHPD with Power Delivery 3.0 featuring Fast Role Swap to prevent USB
device drops when power is added/removed on PD 3.0 laptops. Plus, the USB-C port can be used for PD
Pass-through or data.
• USB-C MULTIPORT ADAPTER: Portable USB C travel docking station with 4K 30Hz HDMI video output; aluminum
space gray design complements Macbook Air, MacBook Pro, Dell XPS, HP EliteBook laptops
• 6-IN-1 USB-C HUB: This USB C multiport adapter features 4K HDMI (UHD), 2x USB-A 3.0 (5Gbps) and 1x USB-C
(Data or Power Delivery 3.0 Pass Through), SD / SDHC / SDXC card reader slot & Gigabit Ethernet
• 60W PD 3.0 PASS THROUGH: Use a USB-C power adapter to charge laptop (up to 48W) & power the dock (12W);
Prevents USB device drop out when the power is added/removed on PD 3.0 laptops like MacBook Pro
• WIDE DEVICE COMPATIBILITY: USB-C mini dock works w/ Thunderbolt 3 (TB3) laptops/ultrabooks; USB-C
laptops, ultrabooks, chromebooks, tablets & phones for brands like MacBook, HP, Dell, Lenovo, Surface
• WIDE OS COMPATIBILITY & EASY SETUP: This USB Type-C Multiport adapter has automatic driver installation &
supports Windows, macOS, Chrome OS and Android; ideal for business travel and work from home




Similar Part No. - DKT30CSDHPD3

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKT30CSDHPD STARTECH-DKT30CSDHPD Datasheet
190Kb / 5P
USB-C Multiport Adapter - SD card reader - Power Delivery - 4K HDMI - GbE - 2x USB 3.0
More results


Similar Description - DKT30CSDHPD3

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-H4GUBC TRIPPLITE-U444-06N-H4GUBC Datasheet
180Kb / 4P
USB-C to HDMI Adapter with USB-A Hub, Gigabit Ethernet, Thunderbolt 3, 4K - PD Charging, 30Hz, Black
U444-06N-H4UB-C TRIPPLITE-U444-06N-H4UB-C Datasheet
163Kb / 3P
USB-C to HDMI Adapter with USB-A Hub and PD Charging ??USB 3.1, Thunderbolt 3, 4K x 2K @ 30Hz, Black
U442-DOCK5-GY TRIPPLITE-U442-DOCK5-GY Datasheet
167Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, USB-A/C, GbE, SD/Micro SD, PD Charging 3.0, Gray
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U442-DOCK11-S TRIPPLITE-U442-DOCK11-S Datasheet
166Kb / 4P
USB-C Docking Station, 4K @ 30 Hz, HDMI, Thunderbolt 3, USB-A Hub, PD Charging, SD/Micro SD, GbE - Silver
U444-06N-DP-C TRIPPLITE-U444-06N-DP-C Datasheet
170Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter with USB-C PD Charging Port, Thunderbolt 3 Compatible, 4K @60Hz
U442-DOCK3-B TRIPPLITE-U442-DOCK3-B Datasheet
164Kb / 4P
USB-C Laptop Docking Station - HDMI, VGA, GbE, 4K @ 30 Hz, Thunderbolt 3, USB-A, USB-C, PD Charging 3.0, Black
U442-DOCK5D-GY TRIPPLITE-U442-DOCK5D-GY Datasheet
167Kb / 4P
USB-C Docking Station - HDMI 4K @ 30 Hz, USB-AC, GbE, SD/Micro SD, PD Charging 3.0, USB-C Cable, Gray
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
U460-002-2AM-C1 TRIPPLITE-U460-002-2AM-C1 Datasheet
161Kb / 3P
USB-C Multiport Adapter, 2x USB-A and 1X USB-C Ports, Card Reader, USB 3.0, Silver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com