Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDPHDMDP2HD Datasheet (PDF) - StarTech.com Ltd.

CDPHDMDP2HD Datasheet PDF - StarTech.com Ltd.
Part # CDPHDMDP2HD
Download  CDPHDMDP2HD Download
File Size   94.84 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 3-in-1 Multiport to HDMI Adapter - 4K 60Hz USB-C, HDMI or Mini DisplayPort to HDMI Converter for Conference Room - Digital AV Video Adapter to Connect HDMI Monitor/Display

CDPHDMDP2HD Datasheet (PDF)

Go To PDF Page Download Datasheet
CDPHDMDP2HD Datasheet PDF - StarTech.com Ltd.

Part # CDPHDMDP2HD
Download  CDPHDMDP2HD Click to download

File Size   94.84 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 3-in-1 Multiport to HDMI Adapter - 4K 60Hz USB-C, HDMI or Mini DisplayPort to HDMI Converter for Conference Room - Digital AV Video Adapter to Connect HDMI Monitor/Display

CDPHDMDP2HD Datasheet (HTML) - StarTech.com Ltd.


CDPHDMDP2HD Product details

Applications
• Connect to a 4K HDMI monitor, TV or projector
• Ideal for boardrooms, conference rooms or shared workspaces

Features
• 3-IN-1 ADAPTER: This multiport to HDMI adapter features three common host port options including USB C, HDMI
or Mini DisplayPort to seamlessly connect one laptop or tablet to an HDMI monitor, TV or projector in a boardroom,
office or conference room
• 4K RESOLUTION & AUDIO SUPPORT: USB Type-C/HDMI/Mini DP to HDMI video converter supports resolutions
up to UHD 4K 60Hz (3840x2160) & 2ch audio on HDMI 2.0b displays HDR10 produces lifelike images w/ a higher
contrast-ratio Backward compatible w/ 1080p
• COMPATIBILITY: This all-in-one HDMI adapter eliminates the need for multiple adapters for universal host
connectivity; works w/ USBC (or Thunderbolt 3), HDMI or mDP laptops or tablets including MacBooks, Ultrabooks
and Surface Pro devices OS independent
• USB-POWERED: Featuring an easy plug and play setup, this Multiport to HDMI digital AV adapter requires no
external power adapter and can be powered using an available USB port with the included micro-USB to USB-A
power cable
• FLEXIBLE SETUP: Equipped with a female HDMI connector that allows you to connect to various cable lengths to
your boardroom display 11" (27 cm) attached host cables Supports HDMI screw-locking cable to prevent accidental
disconnection




Similar Part No. - CDPHDMDP2HD

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDPH10D22 SUMIDA-CDPH10D22 Datasheet
173Kb / 2P
Power Inductors
CDPH20D13 SUMIDA-CDPH20D13 Datasheet
121Kb / 2P
Power Inductors
CDPH20D13NP-1R0N SUMIDA-CDPH20D13NP-1R0N Datasheet
121Kb / 2P
Power Inductors
CDPH20D13NP-1R5N SUMIDA-CDPH20D13NP-1R5N Datasheet
121Kb / 2P
Power Inductors
CDPH20D13NP-2R2N SUMIDA-CDPH20D13NP-2R2N Datasheet
121Kb / 2P
Power Inductors
More results


Similar Description - CDPHDMDP2HD

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
687860007 MOLEX2-687860007 Datasheet
152Kb / 2P
MICRO HDMI TO HDMI A RECP ADAPTER
logo
Tripp Lite. All Rights ...
P136000UHDV2 TRIPPLITE-P136000UHDV2 Datasheet
508Kb / 2P
DisplayPort to HDMI 4K Video Adapter, DP 1.2 to HDMI Active Audio - Video Converter
P142000MICRO TRIPPLITE-P142000MICRO Datasheet
495Kb / 2P
HDMI to Micro HDMI Adapter Converter, 1080p (F-M)
P142000MINI TRIPPLITE-P142000MINI Datasheet
493Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F-M)
P137-06N-HV-V2W TRIPPLITE-P137-06N-HV-V2W Datasheet
488Kb / 2P
Keyspan Mini DisplayPort 1.2 to VGA/HDMI All-in-One Converter Adapter, 4K x 2K HDMI
P136-06N-HV-V2 TRIPPLITE-P136-06N-HV-V2 Datasheet
494Kb / 2P
DisplayPort 1.2 to VGA/HDMI All-in-One Converter Adapter, 4K x 2K HDMI 24 30Hz
U444-06N-HD4K6B TRIPPLITE-U444-06N-HD4K6B Datasheet
166Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI 4K Adapter (M/F), Thunderbolt 3 Compatibility, 4K @60Hz
P142-000-MINI TRIPPLITE-P142-000-MINI Datasheet
161Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F/M)
logo
IOGEAR
GMDPHDW6 IOGEAR-GMDPHDW6 Datasheet
143Kb / 3P
Mini DisplayPort to HDMI Adapter Cable
GMDPHD4KA IOGEAR-GMDPHD4KA Datasheet
151Kb / 3P
Active Mini DisplayPort to HDMI Adapter with 4K Support
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com