Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4931A2 Datasheet (PDF) - KNIPEX

4931A2 Datasheet PDF - KNIPEX
Part # 4931A2
Download  4931A2 Download
File Size   129.67 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Precision Circlip Pliers For external circlips on shafts With overstretching limiter

4931A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
4931A2 Datasheet PDF - KNIPEX

Part # 4931A2
Download  4931A2 Click to download

File Size   129.67 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Precision Circlip Pliers For external circlips on shafts With overstretching limiter

4931A2 Datasheet (HTML) - KNIPEX


4931A2 Product details

General
Article No. 49 31 A2
EAN 4003773073901
Pliers grey atramentized
Handles with non-slip plastic coating
Weight 170 g
Dimensions 180 x 40 x 13 mm
Standard DIN 5254 A
Reach no
RohS no




Similar Part No. - 4931A2

ManufacturerPart #DatasheetDescription
logo
KNIPEX
4931A0 KNIPEX-4931A0 Datasheet
131Kb / 2P
Precision Circlip Pliers For external circlips on shafts With overstretching limiter
05.07.2021
4931A1 KNIPEX-4931A1 Datasheet
131Kb / 2P
Precision Circlip Pliers For external circlips on shafts With overstretching limiter
05.07.2021
4931A3 KNIPEX-4931A3 Datasheet
129Kb / 2P
Precision Circlip Pliers For external circlips on shafts With overstretching limiter
05.07.2021
More results


Similar Description - 4931A2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9700 STMICROELECTRONICS-L9700 Datasheet
97Kb / 7P
HEX PRECISION LIMITER
Nov-1990
logo
Maxim Integrated Produc...
MAX6495 MAXIM-MAX6495 Datasheet
359Kb / 16P
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
MAX6495 MAXIM-MAX6495_12 Datasheet
216Kb / 16P
72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 9; 2/12
logo
Texas Instruments
LMP8646 TI1-LMP8646 Datasheet
492Kb / 23P
Precision Current Limiter
logo
Grayhill, Inc
20SG2AC-G2AC-P GRAYHILL-20SG2AC-G2AC-P Datasheet
194Kb / 1P
Compact mechanical encoder with concentric shafts
logo
STMicroelectronics
L9700D013TR STMICROELECTRONICS-L9700D013TR Datasheet
468Kb / 8P
HEX PRECISION LIMITER
Sep-2000
logo
Texas Instruments
LMP8646 TI-LMP8646_15 Datasheet
1Mb / 31P
LMP8646 Precision Current Limiter
LMP8646 TI1-LMP8646_14 Datasheet
1Mb / 31P
Precision Current Limiter
logo
STMicroelectronics
L9700D-E STMICROELECTRONICS-L9700D-E Datasheet
322Kb / 14P
Hex precision limiter
05-Oct-2011
logo
Schneider Electric
XACB912 SCHNEIDER-XACB912 Datasheet
98Kb / 1P
boot with circlip - for booted operator - silicone - 4 mm
Aug 17, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com