Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP L296-J2L2-25 Datasheet (PDF) - ams-OSRAM AG

LP L296-J2L2-25 Datasheet PDF - ams-OSRAM AG
Part # LP L296-J2L2-25
Download  LP L296-J2L2-25 Download
File Size   1675.62 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SMARTLED™ 0603

LP L296-J2L2-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP L296-J2L2-25 Datasheet PDF - ams-OSRAM AG

Part # LP L296-J2L2-25
Download  LP L296-J2L2-25 Click to download

File Size   1675.62 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description SMARTLED™ 0603

LP L296-J2L2-25 Datasheet (HTML) - ams-OSRAM AG


LP L296-J2L2-25 Product details

Applications
Access Control & Security
Appliances & Tools
Factory Automation
Home & Building Automation
- Material Processing
- Projection & Display
- Robotics
Features
Package: SMT package 0603, colorless diffused resin
Chip technology: Volume emitter (InGaAlP)
Typ. Radiation: 150°
Color: λdom = 560 nm (● pure green)
Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - LP L296-J2L2-25

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LP A675-N1P2-25 AMSOSRAM-LP A675-N1P2-25 Datasheet
1Mb / 23P
SIDELED®
2022-09-01
LP A676-L1M2-25 AMSOSRAM-LP A676-L1M2-25 Datasheet
446Kb / 19P
SIDELED
2013-08-30
LP A67K-E1G2-25 AMSOSRAM-LP A67K-E1G2-25 Datasheet
469Kb / 19P
SIDELED
2013-10-02
LP E675-P1Q2-25 AMSOSRAM-LP E675-P1Q2-25 Datasheet
1Mb / 23P
Power TOPLED®
2019-07-15
LP E675-P2R1-25 AMSOSRAM-LP E675-P2R1-25 Datasheet
1Mb / 23P
Power TOPLED®
2019-07-15
More results


Similar Description - LP L296-J2L2-25

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWL28G OSRAM-LWL28G Datasheet
601Kb / 16P
SmartLED Enhanced Optical Power Chip
LO-L29K-H2L1-24-Z OSRAM-LO-L29K-H2L1-24-Z Datasheet
388Kb / 20P
SMARTLED
LT-L29S-P2R1-25-Z OSRAM-LT-L29S-P2R1-25-Z Datasheet
392Kb / 20P
SMARTLED
LW-L283-P2R1-3K8L OSRAM-LW-L283-P2R1-3K8L Datasheet
525Kb / 23P
SMARTLED 0603
LY-L29K-J1K2-26-Z OSRAM-LY-L29K-J1K2-26-Z Datasheet
390Kb / 20P
SMARTLED
LY-L296-Q2R2-26-Z OSRAM-LY-L296-Q2R2-26-Z Datasheet
394Kb / 20P
SMARTLED
LOL296 OSRAM-LOL296 Datasheet
393Kb / 20P
SMARTLED
LOL29K OSRAM-LOL29K Datasheet
388Kb / 20P
SMARTLED
LAL296 OSRAM-LAL296_12 Datasheet
388Kb / 20P
SMARTLED
LYL296 OSRAM-LYL296_12 Datasheet
394Kb / 20P
SMARTLED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com