Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE-RTDCY-S2WN Datasheet (PDF) - ams-OSRAM AG

LE-RTDCY-S2WN Datasheet PDF - ams-OSRAM AG
Part # LE-RTDCY-S2WN
Download  LE-RTDCY-S2WN Download
File Size   2746.35 Kbytes
Page   28 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSRAM OSTAR™ Stage

LE-RTDCY-S2WN Datasheet (PDF)

Go To PDF Page Download Datasheet
LE-RTDCY-S2WN Datasheet PDF - ams-OSRAM AG

Part # LE-RTDCY-S2WN
Download  LE-RTDCY-S2WN Click to download

File Size   2746.35 Kbytes
Page   28 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSRAM OSTAR™ Stage

LE-RTDCY-S2WN Datasheet (HTML) - ams-OSRAM AG


LE-RTDCY-S2WN Product details

Applications
- Entertainment
Features
- Package: compact lightsource in multi chip SMT technology with glass window on top
- Chip technology: Thinfilm / UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 625 nm (● red); λdom = 525 nm (● true green); λdom = 453 nm (● deep blue); Cx = 0.57, Cy =
0.42 acc. to CIE 1931 (● converted yellow)
- Corrosion Robustness Class: 3B
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - LE-RTDCY-S2WN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LE-RTDUW-S2W OSRAM-LE-RTDUW-S2W Datasheet
983Kb / 23P
compact lightsource in SMT technology with glass window on top
logo
ams-OSRAM AG
LE-RTDUW-S2W AMSOSRAM-LE-RTDUW-S2W Datasheet
1Mb / 27P
OSRAM OSTAR® Stage
2020-07-15
LE-RTDUW-S2WM AMSOSRAM-LE-RTDUW-S2WM Datasheet
3Mb / 28P
OSRAM OSTAR® Stage
2022-08-22
LE-RTDUW-S2WN AMSOSRAM-LE-RTDUW-S2WN Datasheet
3Mb / 30P
OSRAM OSTAR™ Stage
2026-02-27
logo
OSRAM GmbH
LE-RTDUW-S2WP OSRAM-LE-RTDUW-S2WP Datasheet
1Mb / 24P
compact lightsource in SMT technology with glass window on top
More results


Similar Description - LE-RTDCY-S2WN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4730 OSRAM-SFH4730_12 Datasheet
181Kb / 8P
OSRAM OSTAR Observation (850nm)
SFH4761 OSRAM-SFH4761 Datasheet
220Kb / 10P
OSRAM OSTAR Observation (850nm)
LEACWUWVS2W OSRAM-LEACWUWVS2W Datasheet
1Mb / 23P
OSRAM OSTAR Medical
LERTDCYS2WN OSRAM-LERTDCYS2WN_18 Datasheet
2Mb / 25P
OSRAM OSTAR Stage
LERTDUWS2WN OSRAM-LERTDUWS2WN_18 Datasheet
1Mb / 25P
OSRAM OSTAR Stage
LERTDUWS2WP OSRAM-LERTDUWS2WP Datasheet
1Mb / 24P
OSRAM OSTAR Stage
LETQ9WM OSRAM-LETQ9WM Datasheet
780Kb / 23P
OSRAM OSTAR Projection Compact
LETQ9WN OSRAM-LETQ9WN Datasheet
739Kb / 22P
OSRAM OSTAR Projection Compact
LERTDUWS2W OSRAM-LERTDUWS2W Datasheet
983Kb / 23P
OSRAM OSTAR Stage
KRCSLNM1.23 OSRAM-KRCSLNM1.23 Datasheet
762Kb / 24P
OSRAM OSTAR Projection Compact
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com