Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB382 Datasheet (PDF) - Pro-Signal

SB382 Datasheet PDF - Pro-Signal
Part # SB382
Download  SB382 Download
File Size   184.27 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description RJ45 Switch Box - 2 Port

SB382 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB382 Datasheet PDF - Pro-Signal

Part # SB382
Download  SB382 Click to download

File Size   184.27 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description RJ45 Switch Box - 2 Port

SB382 Datasheet (HTML) - Pro-Signal


SB382 Product details

Description
This high quality manual RJ45 Ethernet data switch box which allows multiple users to share a peripheral device, and provides an economical option to purchasing additional peripherals.

Features
•
RJ45 Manual Switch Box
•
Two port version
•
8 Pole
•
Metal case for full shielded
•
Gold plated connectors
•
Heavy duty rotary switch
•
Anti-skid rubber feet
•
Both CAT5 and CAT6 are compatible to the box

Description
2 way RJ45 - 8 pole




Similar Part No. - SB382

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB380 PANJIT-SB380 Datasheet
54Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
SB380 TRSYS-SB380 Datasheet
154Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Zowie Technology Corpor...
SB380 ZOWIE-SB380 Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB380 DIODES-SB380 Datasheet
60Kb / 2P
3.0A SCHOTTKY BARRIER RECTIFIER
DS30134 Rev. 2 - 2
logo
EIC discrete Semiconduc...
SB380 EIC-SB380 Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Similar Description - SB382

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3244 PERICOM-PI5C3244 Datasheet
148Kb / 5P
8-Bit, 2-Port Switch
logo
List of Unclassifed Man...
E200102 ETC2-E200102 Datasheet
97Kb / 3P
Accessories - DataTuff짰 Industrial Surface Mount Box 2-Port
logo
Level One
KVM-0222 LVL1-KVM-0222 Datasheet
929Kb / 2P
2-Port USB KVM Switch
logo
Advantech Co., Ltd.
PCM-24R2GL ADVANTECH-PCM-24R2GL_15 Datasheet
204Kb / 1P
2-Port Gigabit Ethernet, mPCIe, RJ45
logo
Level One
GEL-2460 LVL1-GEL-2460 Datasheet
191Kb / 4P
24-Port L2 Managed Gigabit Switch, 2 x SFP/RJ45 Combo
GES-1651 LVL1-GES-1651_16 Datasheet
387Kb / 4P
16-Port Web Smart Gigabit Ethernet Switch, 2 x SFP/RJ45 Combo
logo
Molex Electronics Ltd.
1120360042 MOLEX-1120360042 Datasheet
57Kb / 1P
Direct-Link Series 300 Managed Ethernet Switch, 18-Port (16-RJ45, 2-RJ45/FX), IP40
10/11/2017
logo
Schneider Electric
VW3CANTAP2 SCHNEIDER-VW3CANTAP2 Datasheet
108Kb / 2P
CANopen junction box - 2 x RJ45 and 1 x RJ45
May 2, 2022
logo
Festo Corporation.
8137104 FESTO-8137104 Datasheet
94Kb / 2P
Limit switch box
7/20/22
logo
METZ CONNECT GmbH
130B21D2APL-E METZ-130B21D2APL-E Datasheet
2Mb / 9P
Extension box APZ 2 port C6Amodul Keystone
2023/02/09 Version: D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com