Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSG90890 Datasheet (PDF) - Pro-Signal

PSG90890 Datasheet PDF - Pro-Signal
Part # PSG90890
Download  PSG90890 Download
File Size   200.5 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description USB 2.0 A Male to Micro B Male Lead

PSG90890 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSG90890 Datasheet PDF - Pro-Signal

Part # PSG90890
Download  PSG90890 Click to download

File Size   200.5 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description USB 2.0 A Male to Micro B Male Lead

PSG90890 Datasheet (HTML) - Pro-Signal


PSG90890 Product details

Description
USB 2.0 A Male to Micro B Male Lead, Black




Similar Part No. - PSG90890

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG90891 PROSIGNAL-PSG90891 Datasheet
204Kb / 1P
SVGA HD15 Male to Male Monitor Lead
V1.0 29/12/21
PSG90897 PROSIGNAL-PSG90897 Datasheet
273Kb / 1P
DisplayPort Male to Male Lead
12/11/21 V1.0
More results


Similar Description - PSG90890

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK670M-2-2-R ASSMANN-AK670M-2-2-R Datasheet
96Kb / 1P
USB 2.0 Cable A Male to Mini B Male
AK670M-2-5-R ASSMANN-AK670M-2-5-R Datasheet
96Kb / 1P
USB 2.0 Cable A Male to Mini B Male
logo
List of Unclassifed Man...
MC000993 ETC2-MC000993 Datasheet
169Kb / 1P
USB 2.0 Micro B Male to C Male Cable 1m
logo
Rosenberger Hochfrequen...
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B
L99-989-800 ROSENBERGER-L99-989-800 Datasheet
725Kb / 2P
USB 2.0 A MALE TO USB 2.0 TYPE-B
L99-989-1800 ROSENBERGER-L99-989-1800 Datasheet
725Kb / 2P
USB 2.0 A MALE TO USB 2.0 TYPE-B
L99-M0014-1000-A ROSENBERGER-L99-M0014-1000-A Datasheet
625Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B ADAPTER
logo
Tripp Lite. All Rights ...
U040-006-MICRO TRIPPLITE-U040-006-MICRO Datasheet
159Kb / 3P
USB 2.0 Cable, USB Micro-B Male to USB Type-C (USB-C) Male, 6-ft.
U050-07N-OTG TRIPPLITE-U050-07N-OTG Datasheet
159Kb / 2P
USB 2.0 OTG Cable with 2-in-1 Connector - Combo A Male Micro-B Male to Micro-B Male, 7-in.
U053-000-OTG TRIPPLITE-U053-000-OTG Datasheet
170Kb / 2P
2-in-1 OTG Adapter, USB 3.0 Micro B Male and USB 2.0 Micro B Male to USB A Female
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com