Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSG08280 Datasheet (PDF) - Pro-Signal

PSG08280 Datasheet PDF - Pro-Signal
Part # PSG08280
Download  PSG08280 Download
File Size   175.57 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description 3.5mm Jack Socket

PSG08280 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSG08280 Datasheet PDF - Pro-Signal

Part # PSG08280
Download  PSG08280 Click to download

File Size   175.57 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description 3.5mm Jack Socket

PSG08280 Datasheet (HTML) - Pro-Signal


PSG08280 Product details

Description
3.5mm Jack Socket, Stereo, Panel, 5 Pack




Similar Part No. - PSG08280

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSG08282 ETC-PSG08282 Datasheet
396Kb / 1P
Socket, 3.5mm Jack 3Pole
More results


Similar Description - PSG08280

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ADT-2735-FF-3MM-02-01 EMERSON-NETWORKPOWER-ADT-2735-FF-3MM-02-01 Datasheet
72Kb / 1P
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE
logo
Adam Technologies, Inc.
ASJ-96-3 ADAM-TECH-ASJ-96-3 Datasheet
75Kb / 1P
3.5MM PHONE JACK
logo
List of Unclassifed Man...
FC68131 ETC2-FC68131 Datasheet
188Kb / 1P
3.5mm STEREO PC JACK SOCKET
FC681374V ETC2-FC681374V Datasheet
697Kb / 2P
3.5mm VERTICAL JACK SOCKET
logo
CUI INC
MJ-3536 CUI-MJ-3536 Datasheet
263Kb / 2P
3.5MM AUDIO JACK
MJ-3536N CUI-MJ-3536N Datasheet
22Kb / 1P
3.5mm AUDIO JACK - MONO
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3535 CUI-SJ-3535 Datasheet
35Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3523NG CUI-SJ-3523NG Datasheet
57Kb / 1P
3.5mm AUDIO JACK-STEREO
logo
List of Unclassifed Man...
MJ-064H ETC1-MJ-064H Datasheet
488Kb / 2P
3.5mm Jack - Socket, 4 pole
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com