Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSG03828 Datasheet (PDF) - Pro-Signal

PSG03828 Datasheet PDF - Pro-Signal
Part # PSG03828
Download  PSG03828 Download
File Size   283.58 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description High Speed 4K UHD HDMI Lead with Ethernet

PSG03828 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSG03828 Datasheet PDF - Pro-Signal

Part # PSG03828
Download  PSG03828 Click to download

File Size   283.58 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description High Speed 4K UHD HDMI Lead with Ethernet

PSG03828 Datasheet (HTML) - Pro-Signal


PSG03828 Product details

Description
High quality High Speed HDMI lead with Ethernet connectivity, suitable for high definition 4K TV and AV equipment. Built to HDMI 1.4 specification and features robust moulded connectors with gold plated contacts for maximum performance.

Description
High Speed 4K UHD HDMI Lead with Ethernet, Gold Plated Contacts, Black




Similar Part No. - PSG03828

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSG03801 ETC-PSG03801 Datasheet
1Mb / 1P
ADAPTOR LEAD, USB B TO A, SOCKETS, 135MM
OCT 31.2013
logo
Pro-Signal
PSG03803 PROSIGNAL-PSG03803 Datasheet
249Kb / 1P
HDMI Coupler Socket to Socket Adapter
V1.0 27/10/22
logo
List of Unclassifed Man...
PSG03806 ETC-PSG03806 Datasheet
1Mb / 1P
LEAD, HDMI A PLUG TO MICRO D PLUG
OCT 31.2013
logo
Pro-Signal
PSG03806 PROSIGNAL-PSG03806 Datasheet
1Mb / 1P
LEAD, HDMI A PLUG TO MICRO D PLUG
OCT 31.2013
logo
List of Unclassifed Man...
PSG03807 ETC-PSG03807 Datasheet
1Mb / 1P
LEAD, HDMI A PLUG TO MICRO D PLUG
OCT 31.2013
More results


Similar Description - PSG03828

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P142-06N-SC4K TRIPPLITE-P142-06N-SC4K Datasheet
495Kb / 2P
HDMI 4K x 2K UHD Upscaler
P569-006-CERT TRIPPLITE-P569-006-CERT Datasheet
173Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 6 ft.
P569-006-SLIM TRIPPLITE-P569-006-SLIM Datasheet
176Kb / 3P
Slim High-Speed HDMI Cable with Ethernet and Digital Video with Audio, UHD 4K x 2K (M/M), 6 ft.
P569-010-CERT TRIPPLITE-P569-010-CERT Datasheet
175Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 10 ft.
P569-015-CERT TRIPPLITE-P569-015-CERT Datasheet
175Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 15 ft.
P569-016-CL3 TRIPPLITE-P569-016-CL3 Datasheet
168Kb / 3P
High-Speed HDMI Cable with Ethernet and Digital Video with Audio, UHD 4K x 2K, In-Wall CL3- Rated (M/M), 16 ft.
P569-001 TRIPPLITE-P569-001 Datasheet
165Kb / 3P
High-Speed HDMI Cable with Ethernet and Digital Video with Audio, UHD 4K x 2K (M/M), 1 ft.
P569-003-CERT TRIPPLITE-P569-003-CERT Datasheet
181Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 3 ft.
P569-003-SLIM TRIPPLITE-P569-003-SLIM Datasheet
178Kb / 3P
Slim High-Speed HDMI Cable with Ethernet and Digital Video with Audio, UHD 4K x 2K (M/M), 3 ft.
logo
Advantech Co., Ltd.
VEGA-1010 ADVANTECH-VEGA-1010 Datasheet
134Kb / 1P
4K UHD HDMI Video Mixer
29-Mar-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com