Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2E-X40MB1DL30-M1 Datasheet (PDF) - Omron Electronics LLC

E2E-X40MB1DL30-M1 Datasheet PDF - Omron Electronics LLC
Part # E2E-X40MB1DL30-M1
Download  E2E-X40MB1DL30-M1 Download
File Size   3277.76 Kbytes
Page   53 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Proximity Sensor

E2E-X40MB1DL30-M1 Datasheet (PDF)

Go To PDF Page Download Datasheet
E2E-X40MB1DL30-M1 Datasheet PDF - Omron Electronics LLC

Part # E2E-X40MB1DL30-M1
Download  E2E-X40MB1DL30-M1 Click to download

File Size   3277.76 Kbytes
Page   53 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Proximity Sensor

E2E-X40MB1DL30-M1 Datasheet (HTML) - Omron Electronics LLC


E2E-X40MB1DL30-M1 Product details

Features
*6. Based on December 2018 OMRON investigation.
*7. Quadruple distance models of M12 sized
9mm
Exceptional
sensing
range*6
*7
*3
Triple distance model
6mm [M12]
Quadruple distance model
9mm [M12]
1 location, all new E2E Sensors
can be monitored
with IO-Link
degree view
with high visibility
LED indicator
10
360°
second replaceable
with quick fix (adaptor)
2-year
Strong resistance to
cutting oil
PREMIUM Model
[M12]
• The PREMIUM Model, which has longer detection
range than previous models, allows for flexible designs
with lower risk of collision.
• Enables users to standardize sesors sizes to reduce
inventory needs.
In addition to our HIGH SPEC Models, we also
offer mid/short-distance BASIC Models, to
meet various equipment specifications.
New standards for usability
*8. Time required to adjust the distance when installing a Sensor. Based on OMRON investigation.
ent design requirement
BASIC Model
Double distance model
4mm [M12]
Single distance model
2mm [M12]
Early error detection
Quick recovery
Fewer unexpected
equipment shutdowns
User-friendly design
oil resistance *9
*9. E2E Connector Models and E2EQ series is
excluded.
*8




Similar Part No. - E2E-X40MB1DL30-M1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X40MB1DL30-M1 OMRON-E2E-X40MB1DL30-M1 Datasheet
12Mb / 52P
Proximity Sensor
E2E-X40MB1DL30-M1TJ 0.3M OMRON-E2E-X40MB1DL30-M1TJ 0.3M Datasheet
12Mb / 52P
Proximity Sensor
More results


Similar Description - E2E-X40MB1DL30-M1

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
Proximity sensor
574339 FESTO-574339 Datasheet
87Kb / 2P
Proximity sensor
574342 FESTO-574342 Datasheet
91Kb / 2P
Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
Proximity sensor
2427615 FESTO-2427615 Datasheet
87Kb / 2P
Proximity sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com