Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSG02794 Datasheet (PDF) - Pro-Signal

PSG02794 Datasheet PDF - Pro-Signal
Part # PSG02794
Download  PSG02794 Download
File Size   138.29 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Phone Audio Connector 3.5mm Jack

PSG02794 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSG02794 Datasheet PDF - Pro-Signal

Part # PSG02794
Download  PSG02794 Click to download

File Size   138.29 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Phone Audio Connector 3.5mm Jack

PSG02794 Datasheet (HTML) - Pro-Signal


PSG02794 Product details

Description
Phone Audio Connector, 3.5mm Jack




Similar Part No. - PSG02794

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PSG02700 MULTICOMP-PSG02700 Datasheet
141Kb / 1P
3.5mm Stereo Plug to Dual RCA Plugs Cable Assembly
V1.0 28/08/20
PSG02728 MULTICOMP-PSG02728 Datasheet
170Kb / 1P
Right-Angle RCA Phone Plug-to-Jack Adapter Nickel with Colour Handle
V1.0 05/06/20
PSG02729 MULTICOMP-PSG02729 Datasheet
170Kb / 1P
Right-Angle RCA Phone Plug-to-Jack Adapter Nickel with Colour Handle
V1.0 05/06/20
PSG02745 MULTICOMP-PSG02745 Datasheet
126Kb / 1P
1/4” (6.35mm) Mono Jack-to-Jack Adapter Plastic Handle
V1.0 14/09/20
PSG02771 MULTICOMP-PSG02771 Datasheet
122Kb / 1P
BNC Female to 3.5mm Mono Plug
V1.0 28/08/20
More results


Similar Description - PSG02794

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
35RASMT4B SWITCH-35RASMT4B Datasheet
108Kb / 2P
3.5MM PHONE JACK SURFACE MOUNT, ROHS
logo
Adam Technologies, Inc.
ASJ-96-3 ADAM-TECH-ASJ-96-3 Datasheet
75Kb / 1P
3.5MM PHONE JACK
logo
CUI INC
MJ-3536 CUI-MJ-3536 Datasheet
263Kb / 2P
3.5MM AUDIO JACK
MJ-3536N CUI-MJ-3536N Datasheet
22Kb / 1P
3.5mm AUDIO JACK - MONO
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3545N CUI-SJ-3545N Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3535 CUI-SJ-3535 Datasheet
35Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3523NG CUI-SJ-3523NG Datasheet
57Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3524N CUI-SJ-3524N Datasheet
37Kb / 1P
3.5MM AUDIO JACK STEREO
logo
Switchcraft, Inc.
35RASMT2BHNTRX SWITCH-35RASMT2BHNTRX Datasheet
100Kb / 2P
3.5MM PHONE JACK SURFACE MOUNT
13-JAN-06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com