Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSG02542 Datasheet (PDF) - Pro-Signal

PSG02542 Datasheet PDF - Pro-Signal
Part # PSG02542
Download  PSG02542 Download
File Size   142.81 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description 3.5mm Phone Audio Connector

PSG02542 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSG02542 Datasheet PDF - Pro-Signal

Part # PSG02542
Download  PSG02542 Click to download

File Size   142.81 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description 3.5mm Phone Audio Connector

PSG02542 Datasheet (HTML) - Pro-Signal


PSG02542 Product details

Description
3.5mm Phone Audio Connector, 3 Contacts, Plug




Similar Part No. - PSG02542

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG02504 PROSIGNAL-PSG02504 Datasheet
555Kb / 1P
Adapter Cable D-Sub 9 way to USB 2.0 A Plug
V1.0 13/01/21
PSG02538 PROSIGNAL-PSG02538 Datasheet
120Kb / 1P
Shielded 3.5mm Mono Plug
V1.0 11/07/19
PSG02539 PROSIGNAL-PSG02539 Datasheet
119Kb / 1P
3.5mm Stereo Plug Shielded
V1.1 29/04/19
logo
Multicomp Pro
PSG02565 MULTICOMP-PSG02565 Datasheet
129Kb / 1P
3.5mm Stereo Plug to 3.5mm Stereo Double Receptacle
V1.0 28/08/20
logo
Pro-Signal
PSG02566 PROSIGNAL-PSG02566 Datasheet
276Kb / 1P
HDMI Plug to HDMI Plug
V1.0 31/08/21
More results


Similar Description - PSG02542

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
35RASMT4B SWITCH-35RASMT4B Datasheet
108Kb / 2P
3.5MM PHONE JACK SURFACE MOUNT, ROHS
logo
PANDUIT CORP.
CM35MSS PANDUIT-CM35MSS Datasheet
59Kb / 1P
MINI-COM 3.5MM HEAD PHONE JACK MODULE
logo
Adam Technologies, Inc.
ASJ-96-3 ADAM-TECH-ASJ-96-3 Datasheet
75Kb / 1P
3.5MM PHONE JACK
logo
CUI INC
MJ-3536 CUI-MJ-3536 Datasheet
263Kb / 2P
3.5MM AUDIO JACK
MJ-3536N CUI-MJ-3536N Datasheet
22Kb / 1P
3.5mm AUDIO JACK - MONO
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3535 CUI-SJ-3535 Datasheet
35Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3523NG CUI-SJ-3523NG Datasheet
57Kb / 1P
3.5mm AUDIO JACK-STEREO
logo
Amphenol Corporation
55010850-000-1 AMPHENOL-55010850-000-1 Datasheet
104Kb / 1P
3.5mm STEREO PHONE PLUG CUSTOMER DRAWING
logo
Switchcraft, Inc.
35RASMT2BHNTRX SWITCH-35RASMT2BHNTRX Datasheet
100Kb / 2P
3.5MM PHONE JACK SURFACE MOUNT
13-JAN-06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com