Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0111 Datasheet (PDF) - STMicroelectronics

P0111 Datasheet PDF - STMicroelectronics
Part # P0111
Download  P0111 Download
File Size   177.62 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 0.8A SCRs

P0111 Datasheet (PDF)

Go To PDF Page Download Datasheet
P0111 Datasheet PDF - STMicroelectronics

Part # P0111
Download  P0111 Click to download

File Size   177.62 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 0.8A SCRs

P0111 Datasheet (HTML) - STMicroelectronics


P0111 Product details

DESCRIPTION

Thanks to highly sensitive triggering levels, the P01 SCR series is suitable for all applications where available gate current is limited, such as ground fault circuit interruptors, pilot circuits in solid state relays, stand-by mode power supplies, smoke and alarm detectors. Available in through-hole or surface mount pack ages, the voltage capability of this series has been upgrated since its introduction, to reach 600 V.

 



 




Similar Part No. - P0111

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0111DA STMICROELECTRONICS-P0111DA Datasheet
96Kb / 9P
Sensitive high immunity SCRs up to 0.8 A
26-Jan-2009
P0111DA1AA3 STMICROELECTRONICS-P0111DA1AA3 Datasheet
96Kb / 9P
Sensitive high immunity SCRs up to 0.8 A
26-Jan-2009
P0111DA5AL3 STMICROELECTRONICS-P0111DA5AL3 Datasheet
96Kb / 9P
Sensitive high immunity SCRs up to 0.8 A
26-Jan-2009
P0111DN STMICROELECTRONICS-P0111DN Datasheet
96Kb / 9P
Sensitive high immunity SCRs up to 0.8 A
26-Jan-2009
P0111DN5AA4 STMICROELECTRONICS-P0111DN5AA4 Datasheet
96Kb / 9P
Sensitive high immunity SCRs up to 0.8 A
26-Jan-2009
More results


Similar Description - P0111

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0130AA STMICROELECTRONICS-P0130AA Datasheet
103Kb / 5P
0.8A SCRs
May-2002
X00602MA STMICROELECTRONICS-X00602MA Datasheet
72Kb / 5P
0.8A SCRs
Jan-2002
logo
JIEJIE MICROELECTRONICS...
BT169 JIEJIE-BT169 Datasheet
394Kb / 4P
0.8A SENSITIVE SCRs
JX008 JIEJIE-JX008 Datasheet
390Kb / 4P
0.8A SENSITIVE SCRs
MCR100-8 JIEJIE-MCR100-8 Datasheet
386Kb / 4P
0.8A SENSITIVE SCRs
logo
New Jersey Semi-Conduct...
X00602MA NJSEMI-X00602MA Datasheet
71Kb / 2P
0.8A SCRs
logo
JIEJIE MICROELECTRONICS...
JX007 JIEJIE-JX007 Datasheet
242Kb / 4P
0.8A Sensitive SCRs
logo
Kersemi Electronic Co.,...
P0102DA KERSEMI-P0102DA Datasheet
487Kb / 6P
0.8A SCRs
P0130AA KERSEMI-P0130AA Datasheet
435Kb / 5P
0.8A SCRs
X00602MA KERSEMI-X00602MA Datasheet
401Kb / 5P
0.8A SCRs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com