Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMSW6568 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW6568 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW6568
Download  FMSW6568 Download
File Size   803.98 Kbytes
Page   7 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SP4T Electromechanical Relay Latching Switch, COM, DC to 18 GHz, 90W, 28VdC, SMA

FMSW6568 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW6568 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW6568
Download  FMSW6568 Click to download

File Size   803.98 Kbytes
Page   7 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SP4T Electromechanical Relay Latching Switch, COM, DC to 18 GHz, 90W, 28VdC, SMA

FMSW6568 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW6568 Product details

Features
• Actuator magnetically latches in place after the control voltage is removed. For
• power sensitive applications, this is the best actuator option. Impressive typical
• performance includes 0.4 dB insertion loss and isolation greater than 80 dB.
• This switch requires 28 Vdc bias voltage and operates over a temperature range
• of -25°C to +65°C. The rugged and compact package assembly supports SMA
• female connectors and a 15 Pin D-SUB Connector for DC control. And for highly
• reliable operation, the model is guaranteed to meet MIL-STD-202 environmental
• test conditions for shock and random vibration.
Features
• Single Pole Four Throw (SP4T)
• Electromechancial Relay Switch
• DC to 18 GHz Frequency Range
• Latching Actuator
• Positive Common (+COM)
• Configuration
• 5M Lifecycle Rating
• Insertion Loss 0.4 dB typ
• Isolation > 80 dB typ
• VSWR as low as 1.25:1 max
• 15 PIN D-SUB Connector
• for DC Control
• 28 Volt DC Bias
• SMA Female Connectors
• -25°C to +65°C Operating
• Temperature
• 90 Watt Average Power Handling
• 50 Ohm Design
• Hot Switching Capability
• - Consult Factory
• S-Parameter Data
• available upon request
• Rugged Design meets Mil-
• STD-202 Test Conditions
• Applications:
• Aerospace & Defense
• Test & Measurement
• Microwave Radio Systems
• Military & Commercial
• Communication Systems
• Research & Development
• SATCOM
• Wireless Communications
• Enterprise
• IoT




Similar Part No. - FMSW6568

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW6560 FAIRVIEW-FMSW6560 Datasheet
746Kb / 7P
SPDT Electromechanical Relay Latching Switch, COM, DC to 53 GHz, 5W, 28VDC, 2.4mm
REV 1A
FMSW6561 FAIRVIEW-FMSW6561 Datasheet
627Kb / 5P
SPDT Electromechancial Relay Latching Switch, COM, DC to 18 GHz, 90W, 12VDC, SMA
REV 1A
FMSW6562 FAIRVIEW-FMSW6562 Datasheet
748Kb / 7P
SPDT Electromechancial Relay Latching Switch, COM, DC to 18 GHz, 90W, 28VDC, SMA
REV 1A
FMSW6563 FAIRVIEW-FMSW6563 Datasheet
811Kb / 7P
SP4T Electromechanical Relay Latching Switch, COM, DC to 43 GHz, 10W, 12VDC, 2.92mm
REV 1A
FMSW6564 FAIRVIEW-FMSW6564 Datasheet
815Kb / 7P
SP4T Electromechancial Relay Latching Switch, COM, DC to 43 GHz, 10W, 28VDC, 2.92mm
REV 1A
More results


Similar Description - FMSW6568

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6134 PASTERNACK-PE71S6134 Datasheet
458Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz
PE71S6135 PASTERNACK-PE71S6135 Datasheet
436Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz
PE71S6136 PASTERNACK-PE71S6136 Datasheet
443Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6137 PASTERNACK-PE71S6137 Datasheet
466Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6138 PASTERNACK-PE71S6138 Datasheet
446Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 10 Watts, 12V Control with Latching
REV 1.0
PE71S6139 PASTERNACK-PE71S6139 Datasheet
446Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz
PE71S6140 PASTERNACK-PE71S6140 Datasheet
452Kb / 6P
SP4T Electromechanical Relay Switch DC to 46 GHz, 2.92mm
PE71S6141 PASTERNACK-PE71S6141 Datasheet
446Kb / 6P
SP4T Electromechanical Relay Switch DC to 46 GHz, 2.92mm
PE71S6315 PASTERNACK-PE71S6315 Datasheet
504Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA
PE71S6316 PASTERNACK-PE71S6316 Datasheet
504Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com