Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMSW8024 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSW8024 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSW8024
Download  FMSW8024 Download
File Size   793.07 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SP6T, Terminated, Electromechanical Relay Latching Switch, DC to 52GHz, 28VDC, Reset, D-Sub, 2.4mm

FMSW8024 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSW8024 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSW8024
Download  FMSW8024 Click to download

File Size   793.07 Kbytes
Page   6 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SP6T, Terminated, Electromechanical Relay Latching Switch, DC to 52GHz, 28VDC, Reset, D-Sub, 2.4mm

FMSW8024 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSW8024 Product details

Features
• 0.8 dB insertion loss and isolation greater than 80 dB. This switch requires +28
• Vdc bias voltage and operates over a temperature range of -25°C to +65°C. The
• rugged and compact package assembly supports 2.4mm female connectors and
• solder terminal pins for DC control. And for highly reliable operation, the model
• is guaranteed to meet MIL-STD-202 environmental test conditions for shock and
• random vibration.
Features
• Single Pole Six Throw (SP6T)
• Electromechancial Relay Switch
• DC to 53 GHz Frequency Range
• Latching Actuator
• Terminated
• 1M Lifecycle Rating
• Insertion Loss 0.8 dB typ
• Isolation 80 dB typ
• VSWR as low as 1.3:1 max
• Solder Terminal Pins
• for DC Control
• +28 Volt DC Bias
• 2.4mm Female Connectors
• -25°C to +65°C Operating
• Temperature
• Up to 3 Watt Average
• Power Handling
• 50 Ohm Design
• Hot Switching Capability
• - Consult Factory
• S-Parameter Data
• available upon request
• Rugged Design meets Mil-
• STD-202 Test Conditions
Features
• Applications:
• Aerospace & Defense
• Test & Measurement
• Microwave Radio Systems
• Military & Commercial
• Communication Systems
• Research & Development
• SATCOM
• Wireless Communications
• Enterprise
• IoT




Similar Part No. - FMSW8024

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW8021 FAIRVIEW-FMSW8021 Datasheet
763Kb / 6P
SP6T, Electromechanical Relay Normally Open Switch, DC to 52GHz, 28VDC, D-Sub, 2.4mm
REV 1A
FMSW8022 FAIRVIEW-FMSW8022 Datasheet
773Kb / 6P
SP6T, Electromechanical Relay Normally Open Switch, 52GHz, 28VDC, Indicators, D-Sub, 2.4mm
REV 1A
More results


Similar Description - FMSW8024

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6142 PASTERNACK-PE71S6142 Datasheet
439Kb / 6P
SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6143 PASTERNACK-PE71S6143 Datasheet
445Kb / 6P
SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6144 PASTERNACK-PE71S6144 Datasheet
470Kb / 6P
SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6145 PASTERNACK-PE71S6145 Datasheet
450Kb / 6P
SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6146 PASTERNACK-PE71S6146 Datasheet
444Kb / 6P
SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6147 PASTERNACK-PE71S6147 Datasheet
468Kb / 6P
SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6149 PASTERNACK-PE71S6149 Datasheet
455Kb / 6P
SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6315 PASTERNACK-PE71S6315 Datasheet
504Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA
PE71S6316 PASTERNACK-PE71S6316 Datasheet
504Kb / 6P
SP6T Electromechanical Relay Switch DC to 22 GHz, SMA
PE71S6089 PASTERNACK-PE71S6089 Datasheet
432Kb / 4P
SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 60 Watts, 28V Control with Latching
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com