Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST0635F Datasheet (PDF) - Infinite Electronics International, Inc.

ST0635F Datasheet PDF - Infinite Electronics International, Inc.
Part # ST0635F
Download  ST0635F Download
File Size   493.34 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 1 Watts To 6 GHz Gold Plated Brass SMA Fe­ male

ST0635F Datasheet (PDF)

Go To PDF Page Download Datasheet
ST0635F Datasheet PDF - Infinite Electronics International, Inc.

Part # ST0635F
Download  ST0635F Click to download

File Size   493.34 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RF Load 1 Watts To 6 GHz Gold Plated Brass SMA Fe­ male

ST0635F Datasheet (HTML) - Infinite Electronics International, Inc.


ST0635F Product details

Features
• DC to 6 GHz Frequency Range
• VSWR 1.2:1 Max
• Max Power 1 Watt (CW)
• SMA Female Coaxial Interface
• Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
• Communication




Similar Part No. - ST0635F

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
ST06-18CE SHINDENGEN-ST06-18CE Datasheet
1Mb / 6P
TVS 26A, 600W
ST06-27CE SHINDENGEN-ST06-27CE Datasheet
1Mb / 6P
TVS 17.3A, 600W
ST06-30CE SHINDENGEN-ST06-30CE Datasheet
1Mb / 6P
TVS 15A, 600W
ST06-33CE SHINDENGEN-ST06-33CE Datasheet
1Mb / 6P
TVS 14A, 600W
ST06-36CE SHINDENGEN-ST06-36CE Datasheet
1Mb / 6P
TVS 12.4A, 600W
More results


Similar Description - ST0635F

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6151 PASTERNACK-PE6151 Datasheet
203Kb / 3P
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 8 GHz
PE6196 PASTERNACK-PE6196 Datasheet
237Kb / 3P
50 Ohm 2 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 6 GHz
PE6199 PASTERNACK-PE6199 Datasheet
238Kb / 2P
50 Ohm 1 Watts Gold Plated Brass MMCX Male RF Load Up To 6 GHz
PE6249 PASTERNACK-PE6249 Datasheet
308Kb / 2P
Low Power 2 Watts RF Load Up To 6 GHz With N Male Input Tri-Metal Plated Brass
PE6149 PASTERNACK-PE6149_13 Datasheet
204Kb / 3P
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 2.5 GHz
PE6150 PASTERNACK-PE6150_16 Datasheet
417Kb / 3P
1 Watt RF Load Up to 4 GHz With SMA Male Input Gold Plated Brass
PE6151 PASTERNACK-PE6151_16 Datasheet
418Kb / 3P
1 Watt RF Load Up to 8 GHz With SMA Male Input Gold Plated Brass
PE6199 PASTERNACK-PE6199_16 Datasheet
419Kb / 3P
1 Watt RF Load Up to 6 GHz With MMCX Male Input Gold Plated Brass
PE6241 PASTERNACK-PE6241_16 Datasheet
422Kb / 4P
1 Watt RF Load Up to 6 GHz With Reverse Polarity SMA Male Input Tri-Metal Plated Brass
PE6248 PASTERNACK-PE6248_16 Datasheet
350Kb / 4P
2 Watt RF Load Up to 6 GHz with N Male Tri-Metal Plated Brass
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com