Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8334 Datasheet (PDF) - Gainsil Semiconductor Technology Co., Ltd

GS8334 Datasheet PDF - Gainsil Semiconductor Technology Co., Ltd
Part # GS8334
Download  GS8334 Download
File Size   304.01 Kbytes
Page   16 Pages
Manufacturer  GAINSIL [Gainsil Semiconductor Technology Co., Ltd]
Direct Link  http://en.gainsil.com/index.php
Logo GAINSIL - Gainsil Semiconductor Technology Co., Ltd
Description 350KHZ Zero-Drift CMOS Rail-to-Rail IO Opamp with RF Filter

GS8334 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS8334 Datasheet PDF - Gainsil Semiconductor Technology Co., Ltd

Part # GS8334
Download  GS8334 Click to download

File Size   304.01 Kbytes
Page   16 Pages
Manufacturer  GAINSIL [Gainsil Semiconductor Technology Co., Ltd]
Direct Link  http://en.gainsil.com/index.php
Logo GAINSIL - Gainsil Semiconductor Technology Co., Ltd
Description 350KHZ Zero-Drift CMOS Rail-to-Rail IO Opamp with RF Filter

GS8334 Datasheet (HTML) - Gainsil Semiconductor Technology Co., Ltd


GS8334 Product details

Features
· Single-Supply Operation from +1.8V ~ +5.5V
· Rail-to-Rail Input / Output
· Gain-Bandwidth Product: 350KHz (Typ. @25°C)
· Low Input Bias Current: 20pA (Typ. @25°C)
· Low Offset Voltage: 10uV (Max. @25°C)
· Quiescent Current: 25μA per Amplifier (Typ.)
· Operating Temperature: -45°C ~ +125°C
· Zero Drift: 0.03μV/°C (Max.)
· Embedded RF Anti-EMI Filter
· Small Package:
GS8331 Available in SOT23-5, SC-70 and SOP-8
Packages
GS8332 Available in SOP-8, MSOP-8 and DFN-8
Packages
GS8334 Available in SOP-14 and TSSOP-14 Packages

General Description
The GS833X amplifier is single/dual/quad supply, micro-power, zero-drift CMOS operational amplifiers, the amplifiers offer
bandwidth of 350 kHz, rail-to-rail inputs and outputs, and single-supply operation from 1.8V to 5.5V. GS833X uses chopper
stabilized technique to provide very low offset voltage (less than 10μV maximum) and near zero drift over temperature. Low
quiescent supply current of 25μA per amplifier and very low input bias current of 20pA make the devices an ideal choice for low
offset, low power consumption and high impedance applications. The GS833X offers excellent CMRR without the crossover
associated with traditional complementary input stages. This design results in superior performance for driving
analog-to-digital converters (ADCs) without degradation of differential linearity.
The GS8331 is available in SOT23-5, SC-70 and SOP8 packages. And the GS8332 is available in SOP8, MSOP8 and DFN-8
packages. The GS8334 Quad is available in Green SOP-14 and TSSOP-14 packages. The extended temperature range of
-45oC to +125oC over all supply voltages offers additional design flexibility.

Applications
· Transducer Application
· Temperature Measurements
· Electronics Scales
· Handheld Test Equipment
· Battery-Powered Instrumentation




Similar Part No. - GS8334

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8330DW36 GSI-GS8330DW36 Datasheet
583Kb / 30P
Double Late Write SigmaRAM
GS8330DW36-200 GSI-GS8330DW36-200 Datasheet
583Kb / 30P
Double Late Write SigmaRAM
GS8330DW36-250 GSI-GS8330DW36-250 Datasheet
583Kb / 30P
Double Late Write SigmaRAM
GS8330DW36C-200 GSI-GS8330DW36C-200 Datasheet
583Kb / 30P
Double Late Write SigmaRAM
GS8330DW36C-200I GSI-GS8330DW36C-200I Datasheet
583Kb / 30P
Double Late Write SigmaRAM
More results


Similar Description - GS8334

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5731 E-CMOS-EC5731 Datasheet
821Kb / 13P
350kHz, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
EC5732 E-CMOS-EC5732 Datasheet
856Kb / 13P
350kHz, Low Power ,Zero-Drift, CMOS, Dual Rail-to-Rail Operational Amplifier with RF Filter
logo
Zhaoxingwei Electronics...
ISL28130CHZ ZHAOXINGWEI-ISL28130CHZ Datasheet
1Mb / 11P
350kHz, Zero-Drift, CMOS,Rail-to-Rail Operational Amplifier
logo
Shenzhen Huazhimei Semi...
LMV321 HMSEMI-LMV321 Datasheet
1Mb / 16P
1MHZ CMOS Rail-to-Rail IO Opamp with RF Filter
logo
AiT Semiconductor Inc.
AO1369 AITSEMI-AO1369 Datasheet
854Kb / 12P
600nA 14.5kHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
AO1378 AITSEMI-AO1378 Datasheet
1,000Kb / 13P
1.8MHZ ZERO-DRIFT CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
AO321V AITSEMI-AO321V Datasheet
1Mb / 14P
1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.1
AO324V AITSEMI-AO324V Datasheet
1Mb / 13P
1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
AO358V AITSEMI-AO358V Datasheet
1Mb / 13P
1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
logo
TECH PUBLIC Electronics...
TPV321S5 TECHPUBLIC-TPV321S5 Datasheet
4Mb / 8P
1MHZ CMOS Rail-to-Rail IO Opamp With RF Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com