Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC12 Datasheet (PDF) - LUMEL S.A.

NC12 Datasheet PDF - LUMEL S.A.
Part # NC12
Download  NC12 Download
File Size   1885.72 Kbytes
Page   4 Pages
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.
Description AC/DC CLAMP-ON METER 1000A/300A

NC12 Datasheet (PDF)

Go To PDF Page Download Datasheet
NC12 Datasheet PDF - LUMEL S.A.

Part # NC12
Download  NC12 Click to download

File Size   1885.72 Kbytes
Page   4 Pages
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.
Description AC/DC CLAMP-ON METER 1000A/300A

NC12 Datasheet (HTML) - LUMEL S.A.


NC12 Product details

Unique Design
NC12 is a highly innovative design for features those
increases safety and comfort of user.
n Rotating clamp jaws facilitate the measurement at physically
awkward positions, vertical bus bars, conductors placed at
positions difficult to access.
n Clamp jaws can be opened or closed with the trigger placed at
bottom side away from the jaws. This allows the user to place
his/her hand at safer distance from live conductor. This greatly
reduces exposure of human beings to electrical shocks
n Location and design of trigger eliminates fatigues caused by
single finger operation. It allows spreading the force required
to open the jaws over more than one finger to ensure
comfortable operation.
n Comfortable operation of push buttons and function selector
switch, in adverse field conditions.




Similar Part No. - NC12

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NC12 AVX-NC12 Datasheet
200Kb / 5P
NTC SMD Thermistors
logo
NEC
NC1200C NEC-NC1200C Datasheet
543Kb / 2P
NEC NC1200C Digital Cinema Projector
NC1202L NEC-NC1202L Datasheet
118Kb / 3P
Laser Projector
18.11.2022
logo
List of Unclassifed Man...
NC1206KB203KB ETC2-NC1206KB203KB Datasheet
161Kb / 1P
SMD CHIP THERMISTOR
NC1206KC303KB ETC2-NC1206KC303KB Datasheet
161Kb / 1P
SMD CHIP THERMISTOR
More results


Similar Description - NC12

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380976 EXTECH-380976 Datasheet
260Kb / 1P
1000A AC Power Clamp Meter
382068 EXTECH-382068 Datasheet
251Kb / 1P
1000A AC/DC Clamp-on Power Datalogger Kit
AM300 EXTECH-AM300 Datasheet
237Kb / 7P
300A AC Analog Clamp Meter
CA310 EXTECH-CA310 Datasheet
195Kb / 2P
300A AC Current Clamp-on
MA120 EXTECH-MA120 Datasheet
174Kb / 5P
200A AC/DC Mini Clamp-on Meter
380926 EXTECH-380926_15 Datasheet
213Kb / 1P
2000A AC/DC Clamp Meter
AM300 EXTECH-AM300_15 Datasheet
197Kb / 1P
300A AC Analog Clamp Meter
EX850 EXTECH-EX850 Datasheet
256Kb / 2P
TRMS 1000A AC/DC Clamp Meter for Android
380976-K EXTECH-380976-K_15 Datasheet
277Kb / 1P
1? 3? 1000A AC Power Clamp Meter
PQ2071 EXTECH-PQ2071_15 Datasheet
636Kb / 1P
1000A TRMS AC Power Clamp Meter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com