Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK5027 Datasheet (PDF) - STMicroelectronics

MK5027 Datasheet PDF - STMicroelectronics
Part # MK5027
Download  MK5027 Download
File Size   183.66 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SS7 SIGNALLING LINK CONTROLLER

MK5027 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK5027 Datasheet PDF - STMicroelectronics

Part # MK5027
Download  MK5027 Click to download

File Size   183.66 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SS7 SIGNALLING LINK CONTROLLER

MK5027 Datasheet (HTML) - STMicroelectronics


MK5027 Product details

DESCRIPTION
The SGS-THOMSON Signalling System #7 Signalling Link Controller (MK5027) is a VLSI semiconductor device which provides a complete link control function conforming to the 1988 CCITT version of SS7. This includes frame formatting, transparency (so called ”bit-stufling”), error recovery by two types of retransmission, error monitoring, sequence number control, link status control, and FISU generation. One of the outstanding features of the MK5027 is its buffer management which includes on-chip DMA.

■ CMOS
■ FULLY COMPATIBLE WITH BOTH 8 OR 16 BIT SYSTEMS
■ SYSTEM CLOCK RATE TO 10MHz. DATA RATE UP TO 2.5Mbps FOR SS7 PROTOCOL PROCESSING,7Mbps FOR TRANSPARENT HDLC MODE
■ COMPLETE LEVEL 2 IMPLEMENTATION
■ COMPATIBLE WITH 1988 CCITT, AT&T, ANSI, AND BELLCORE SIGNALLING SYSTEM NUMBER 7 LINK LEVEL PROTOCOLS
■ 52 PIN PLCC AND 48-PIN DIP PIN-FOR-PIN COMPATIBLE WITH THE SGS-THOMSON X.25 CHIP (MK5025) AND NEARLY PIN-FORPIN COMPATIBLE WITH THE SGS-THOMSON VLANCE CHIP (MK5032)
■ BUFFER MANAGEMENT INCLUDES:
    - Initialization Block
    - Separate Receive and Transmit Rings
    - Variable Descriptor Ring and Window Sizes.
■ ON CHIP DMA CONTROL WITH PROGRAMMABLE BURST LENGTH
■ SELECTABLE BEC OR PCR RETRANSMISSION METHODS, INCLUDING FORCED RETRANSMISSION FOR PCR
■ HANDLES ALL 7 SS7 TIMERS
■ HANDLES ALL SS7 FRAME FORMATTING:
    - Zero bit insert and delete
    - FCS generation and detection
    - Frame delimiting with flags
■ PROGRAMMABLE MINIMUM SIGNAL UNIT SPACING (number of flags between SU’s)
■ HANDLES ALL SEQUENCING AND LINK CONTROL
■ SELECTABLE FCS OF 16 OR 32 BITS.
■ TESTING FACILITIES:
    - Internal Loopback
    - Silent Loopback
    - OptionalInternal Data Clock Generation
    - Self Test
■ ALL INPUTS AND OUTPUTS ARE TTL COMPATIBLE
■ PROGRAMMABLE FOR FULL OR HALF DUPLEX OPERATION




Similar Part No. - MK5027

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MK50240 ETC-MK50240 Datasheet
292Kb / 5P
TOP OCTAVE FREQUENCY GENERATOR
MK50241 ETC-MK50241 Datasheet
292Kb / 5P
TOP OCTAVE FREQUENCY GENERATOR
MK50242 ETC-MK50242 Datasheet
292Kb / 5P
TOP OCTAVE FREQUENCY GENERATOR
logo
STMicroelectronics
MK5025 STMICROELECTRONICS-MK5025 Datasheet
2Mb / 40P
CCITT X.25 LINK LEVEL CONTROLLER
Aug-1991
MK5025P STMICROELECTRONICS-MK5025P Datasheet
2Mb / 40P
CCITT X.25 LINK LEVEL CONTROLLER
Aug-1991
More results


Similar Description - MK5027

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX5001 NSC-LMX5001 Datasheet
198Kb / 13P
Dedicated Bluetooth Link Controller
logo
STMicroelectronics
MK50H27 STMICROELECTRONICS-MK50H27 Datasheet
417Kb / 56P
Signalling System 7 Link Controller
Sep-1997
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
VAN Data Link Controller
TSS461C ATMEL-TSS461C_04 Datasheet
633Kb / 57P
VAN Data Link Controller
logo
LANSDALE Semiconductor ...
ML145488 LANSDALE-ML145488 Datasheet
200Kb / 12P
Dual Data Link Controller
logo
OSRAM GmbH
LCYW5SM OSRAM-LCYW5SM_18 Datasheet
1Mb / 23P
Signalling
LRW5SM OSRAM-LRW5SM_18 Datasheet
1Mb / 22P
Signalling
LAG6SP.01 OSRAM-LAG6SP.01 Datasheet
1Mb / 21P
Signalling
LRG6SP.01 OSRAM-LRG6SP.01 Datasheet
1Mb / 21P
Signalling
LSG6SP.01 OSRAM-LSG6SP.01 Datasheet
1Mb / 21P
Signalling
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com