Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSW5 Datasheet (PDF) - Speco Technologies.

PSW5 Datasheet PDF - Speco Technologies.
Part # PSW5
Download  PSW5 Download
File Size   481.36 Kbytes
Page   1 Pages
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.
Description HD-TVI Vandal Resistant Corner Mount Color Camera

PSW5 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSW5 Datasheet PDF - Speco Technologies.

Part # PSW5
Download  PSW5 Click to download

File Size   481.36 Kbytes
Page   1 Pages
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.
Description HD-TVI Vandal Resistant Corner Mount Color Camera

PSW5 Datasheet (HTML) - Speco Technologies.


PSW5 Product details

Features
•Supports up to Full HD 1080p @ 30fps
•Full HD resolution over coax
•Vandal resistant 90° corner mount camera
•Heavy duty housing is built to withstand blowsfrom a 10 lb. sledgehammer
•12VDC operation
•Additional analog output for 960H
•5 year warranty




Similar Part No. - PSW5

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
PSW5 SPECO-PSW5 Datasheet
354Kb / 1P
2-Way Audio Kit
Rev. 2/23/22
PSW5 SPECO-PSW5 Datasheet
352Kb / 1P
2-way audio kit
Rev. 2/23/22
PSW5 SPECO-PSW5 Datasheet
403Kb / 1P
Surface Mount Line Level Microphone
1/19/22
PSW5 SPECO-PSW5 Datasheet
431Kb / 1P
HD-TVI Indoor Dome Camera with Built-In IR LEDs
6/4/14
PSW5 SPECO-PSW5 Datasheet
519Kb / 1P
HD-TVI Multi-Format Intensifier®Corner Mount Camera
1/3/24
More results


Similar Description - PSW5

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV8 E-SWITCH-PV8 Datasheet
134Kb / 1P
Vandal and Vandal Resistant, RATING: 2A 36VDC
logo
Elektron Components Ltd...
DX0505 BULGIN-DX0505 Datasheet
70Kb / 1P
Vandal Resistant LED Indicators
DX0507 BULGIN-DX0507 Datasheet
75Kb / 1P
Vandal Resistant LED Indicators
MPI001 BULGIN-MPI001 Datasheet
77Kb / 1P
Stainless Steel Illuminated Vandal Resistant
MPI002 BULGIN-MPI002 Datasheet
75Kb / 1P
Stainless Steel Illuminated Vandal Resistant
logo
E-SWITCH
PV2 E-SWITCH-PV2 Datasheet
169Kb / 1P
VANDAL RESISTANT
logo
List of Unclassifed Man...
TANGO-20A ETC2-TANGO-20A Datasheet
990Kb / 3P
Vandal resistant
logo
Taoglas antenna solutio...
G20.B.305111.WMC TAOGLAS-G20.B.305111.WMC Datasheet
1Mb / 15P
Covert and Vandal Resistant
logo
A1 PROs co., Ltd.
AH242T A1PROS-AH242T Datasheet
225Kb / 2P
2.1Mega pixel TVI Camera
logo
List of Unclassifed Man...
IPC-D112-PF28 ETC1-IPC-D112-PF28 Datasheet
563Kb / 3P
2MP Vandal-resistant Network IR Fixed Dome Camera
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com