Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GW PSLR32.EM-JRJT-A232-1 Datasheet (PDF) - ams-OSRAM AG

GW PSLR32.EM-JRJT-A232-1 Datasheet PDF - ams-OSRAM AG
Part # GW PSLR32.EM-JRJT-A232-1
Download  GW PSLR32.EM-JRJT-A232-1 Download
File Size   2078.94 Kbytes
Page   27 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description DURIS™ S 5

GW PSLR32.EM-JRJT-A232-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
GW PSLR32.EM-JRJT-A232-1 Datasheet PDF - ams-OSRAM AG

Part # GW PSLR32.EM-JRJT-A232-1
Download  GW PSLR32.EM-JRJT-A232-1 Click to download

File Size   2078.94 Kbytes
Page   27 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description DURIS™ S 5

GW PSLR32.EM-JRJT-A232-1 Datasheet (HTML) - ams-OSRAM AG


GW PSLR32.EM-JRJT-A232-1 Product details

Applications
- Indoor Lighting - Outdoor & Industrial Lighting
Features
- Package: white SMT package, colored diffused silicone resin
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 2700K - 6500K
- CRI: 80 (min.), 82 (typ.)
- ESD: 5 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)
- Luminous Flux: typ. 58.3 lm @ 3000 K
- Luminous efficacy: typ. 170 lm/W @ 3000 K





Similar Part No. - GW PSLR32.EM-JRJT-A232-1

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GW PSLR32.CM-HRHT-XX58-1 AMSOSRAM-GW PSLR32.CM-HRHT-XX58-1 Datasheet
1Mb / 24P
DURIS® S 5
Version 1.6 2019-12-05
GW PSLR32.CM-HSHU-XX57-1 AMSOSRAM-GW PSLR32.CM-HSHU-XX57-1 Datasheet
1Mb / 24P
DURIS® S 5
Version 1.6 2019-12-05
GW PSLR32.CM-JPJR-XX55-1 AMSOSRAM-GW PSLR32.CM-JPJR-XX55-1 Datasheet
1Mb / 24P
DURIS® S 5
Version 1.6 2019-12-05
GW PSLR32.CM-JPJR-XX56-1 AMSOSRAM-GW PSLR32.CM-JPJR-XX56-1 Datasheet
1Mb / 24P
DURIS® S 5
Version 1.6 2019-12-05
GW PSLR32.PM-LWLZ-A131-1 AMSOSRAM-GW PSLR32.PM-LWLZ-A131-1 Datasheet
1Mb / 25P
DURIS® S 5
Version 1.5 2019-12-06
More results


Similar Description - GW PSLR32.EM-JRJT-A232-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWP7LP32.EM OSRAM-GWP7LP32.EM Datasheet
1Mb / 24P
DURIS S 10
GTDASPA1.13 OSRAM-GTDASPA1.13_18 Datasheet
1Mb / 22P
DURIS P 5
GWT3LTF1.EM OSRAM-GWT3LTF1.EM Datasheet
4Mb / 20P
DURIS L 38
GWJCLPS2.CM OSRAM-GWJCLPS2.CM Datasheet
2Mb / 24P
DURIS E 3
logo
PHOENIX CONTACT
3056129 PHOENIX-3056129 Datasheet
94Kb / 4P
RWO 5/S
3073597 PHOENIX-3073597 Datasheet
101Kb / 4P
RW 5/S
logo
Infineon Technologies A...
IAUC60N10S5L110 INFINEON-IAUC60N10S5L110 Datasheet
1Mb / 10P
OptiMOS™-5 Power Transistor
Rev. 1.0 2021-01-19
IAUT300N10S5N014 INFINEON-IAUT300N10S5N014 Datasheet
1Mb / 10P
OptiMOS™-5 Power-Transistor
Rev. 1.0 2021-01-19
logo
ams AG
GBPSLM31.13 AMSCO-GBPSLM31.13 Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.5 2020-11-23
GWPSLM32.UL AMSCO-GWPSLM32.UL Datasheet
1Mb / 22P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.6 2022-01-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com