Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCSP1041 Datasheet (PDF) - Infinite Electronics International, Inc.

LCSP1041 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCSP1041
Download  LCSP1041 Download
File Size   294.83 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Type N F/M In/Out Bulkhead RF Coaxial Surge Protector DC - 7GHz DC Pass 90W IP67 20kA Gas Discharge Tube BiDirect

LCSP1041 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCSP1041 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCSP1041
Download  LCSP1041 Click to download

File Size   294.83 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Type N F/M In/Out Bulkhead RF Coaxial Surge Protector DC - 7GHz DC Pass 90W IP67 20kA Gas Discharge Tube BiDirect

LCSP1041 Datasheet (HTML) - Infinite Electronics International, Inc.


LCSP1041 Product details

Features
• Surge current of 20kA
• Max Power 90W(RMS)
• Frequency range from DC to 7GHz
• N-type female connector to N-type male connector
• Waterproof IP67 rated
• DC Pass
• VSWR 1.4 typ
• CE & RoHS compliant
• Bi-Directional
Applications
• WiFi • GPS • Land mobile radio
.
Description
RF surge protector (also known as lightning arrester) LCSP1041 from L-COM utilizing a proprietary gas tube surge protection
technology protects critical hardware from lightening events while maintaining the RF performance. This RF surge protector
component is manufactured in a coaxial in-line design with wide operating frequency range. All L-COM RF surge protector
products are available in stock with same day shipping.




Similar Part No. - LCSP1041

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCSP1040 L-COM-LCSP1040 Datasheet
292Kb / 3P
Type N F/F In/Out Bulkhead RF Coaxial Surge Protector DC - 2.4GHz DC Pass 50W IP67 18kA Gas Discharge Tube BiDirect
3/2/18
LCSP1048 L-COM-LCSP1048 Datasheet
295Kb / 3P
Type N F/F In/Out Bulkhead RF Coaxial Surge Protector 2GHz - 6GHz DC Block 10W IP67 10kA Filter
3/1/18
LCSP1049 L-COM-LCSP1049 Datasheet
293Kb / 3P
Type N F/M In/Out Bulkhead RF Coaxial Surge Protector 2GHz - 6GHz DC Block 10W IP67 10kA Filter
3/1/18
More results


Similar Description - LCSP1041

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2055-23 BOURNS-2055-23 Datasheet
206Kb / 2P
Gas Discharge Tube Surge Protector
logo
Pasternack Enterprises,...
PE73SP1000 PASTERNACK-PE73SP1000 Datasheet
216Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1001 PASTERNACK-PE73SP1001 Datasheet
220Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1002 PASTERNACK-PE73SP1002 Datasheet
228Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1003 PASTERNACK-PE73SP1003 Datasheet
220Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1033 PASTERNACK-PE73SP1033 Datasheet
258Kb / 3P
Type N F/F In/Out Coax RF Surge Protector
PE73SP1036 PASTERNACK-PE73SP1036 Datasheet
239Kb / 3P
Type N M/F In/Out Coax RF Surge Protector
PE73SP1048 PASTERNACK-PE73SP1048 Datasheet
213Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1049 PASTERNACK-PE73SP1049 Datasheet
223Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1050 PASTERNACK-PE73SP1050 Datasheet
215Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com