Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCSP1033 Datasheet (PDF) - Infinite Electronics International, Inc.

LCSP1033 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCSP1033
Download  LCSP1033 Download
File Size   334.22 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Type N F/F In/Out RF Coaxial Surge Protector 100MHz - 512MHz DC Block 750W IP67 20kA Filter Bracket Toward Body

LCSP1033 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCSP1033 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCSP1033
Download  LCSP1033 Click to download

File Size   334.22 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Type N F/F In/Out RF Coaxial Surge Protector 100MHz - 512MHz DC Block 750W IP67 20kA Filter Bracket Toward Body

LCSP1033 Datasheet (HTML) - Infinite Electronics International, Inc.


LCSP1033 Product details

Features
• Surge current of 20kA
• Max Power 750W
• Frequency range from 100 MHz to 512 MHz VHF Band
• N Female to N Female connectors
• VSWR 1.1:1
• Waterproof IP67 rated
• DC Block
• Multi-strike capability
• CE & RoHS compliant
Applications
• Emergency response systems • Public safety systems
.
Description
RF surge protector (also known as lightning arrester) LCSP1033 from L-COM utilizing a patented filter surge protection technology
acts as a high-band filter shunting surge energy to ground to protect critical hardware while maintaining the RF performance.
This RF surge protector component is manufactured in a coaxial in-line design with wide operating frequency range.
All L-COM RF surge protector products are available in stock with same day shipping.




Similar Part No. - LCSP1033

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCSP1030 L-COM-LCSP1030 Datasheet
294Kb / 3P
Type N F/F In/Out Bulkhead RF Coaxial Surge Protector 1.5MHz - 700MHz DC Block 3kW 20kA Blocking Cap and Gas Tube
3/15/18
LCSP1031 L-COM-LCSP1031 Datasheet
296Kb / 3P
Type N M/F In/Out Bulkhead RF Coaxial Surge Protector 125MHz - 1GHz DC Block 500W 50kA Blocking Cap and Gas Tube
3/15/18
LCSP1032 L-COM-LCSP1032 Datasheet
299Kb / 3P
UHF F/F In/Out Bulkhead RF Coaxial Surge Protector 1.5MHz - 700MHz DC Block 2kW 50kA Blocking Cap and Gas Tube
3/15/18
LCSP1034 L-COM-LCSP1034 Datasheet
331Kb / 3P
7/16 M/F In/Out RF Coaxial Surge Protector 100MHz - 512MHz DC Block 750W IP67 20kA Filter Low PIM -155 dBc Bracket Toward Body
3/8/18
LCSP1035 L-COM-LCSP1035 Datasheet
332Kb / 3P
Type N F/F In/Out RF Coaxial Surge Protector 100MHz - 512MHz DC Block 750W IP67 20kA Filter Bracket Away from Arrestor
3/8/18
More results


Similar Description - LCSP1033

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE73SP1000 PASTERNACK-PE73SP1000 Datasheet
216Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1001 PASTERNACK-PE73SP1001 Datasheet
220Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1002 PASTERNACK-PE73SP1002 Datasheet
228Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1033 PASTERNACK-PE73SP1033 Datasheet
258Kb / 3P
Type N F/F In/Out Coax RF Surge Protector
PE73SP1035 PASTERNACK-PE73SP1035 Datasheet
252Kb / 3P
Type N F/F In/Out Coax RF Surge Protector
PE73SP1036 PASTERNACK-PE73SP1036 Datasheet
239Kb / 3P
Type N M/F In/Out Coax RF Surge Protector
PE73SP1037 PASTERNACK-PE73SP1037 Datasheet
249Kb / 3P
7/16 F/F In/Out Coax RF Surge Protector
PE73SP1048 PASTERNACK-PE73SP1048 Datasheet
213Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1049 PASTERNACK-PE73SP1049 Datasheet
223Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1050 PASTERNACK-PE73SP1050 Datasheet
215Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com