Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMW90F001 Datasheet (PDF) - Infinite Electronics International, Inc.

FMW90F001 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMW90F001
Download  FMW90F001 Download
File Size   491.77 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description WR-90 Bandpass Waveguide Filter With a 8.9 GHz to 9.9 GHz Pass Band

FMW90F001 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMW90F001 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMW90F001
Download  FMW90F001 Click to download

File Size   491.77 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description WR-90 Bandpass Waveguide Filter With a 8.9 GHz to 9.9 GHz Pass Band

FMW90F001 Datasheet (HTML) - Infinite Electronics International, Inc.


FMW90F001 Product details

Features
• Passband of 1000 MHz
• 8.9 GHz to 9.9 GHz Passband
• WR-90 UG Cover and
• Grooved Flanges
• Min rejection 60 dB at 7.9 GHz
• Min rejection 60 dB at 11 GHz
• Maximum Insertion
• Loss of 0.3 dB
• Max Power (CW) 200 Watts
• Applications:
• Radar Systems
• Test and Measurement
• Satellite Communications
• Instrumentation
• Automotive Radar Systems




Similar Part No. - FMW90F001

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMW90FS2 FAIRVIEW-FMW90FS2 Datasheet
487Kb / 2P
WR-90 Waveguide Shim, 2mm Brass UG-Cover Square Flange
REV 1A
FMW90FS5 FAIRVIEW-FMW90FS5 Datasheet
491Kb / 2P
WR-90 Waveguide Shim with 5mm Brass UG-Cover Square Flange
REV 1.2A
More results


Similar Description - FMW90F001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W28F001 PASTERNACK-PE-W28F001 Datasheet
325Kb / 2P
Bandpass Waveguide Filter With WR-28 Interface And a Pass Band From 30 GHz to 31 GHz
PE-W28F002 PASTERNACK-PE-W28F002 Datasheet
327Kb / 2P
Bandpass Waveguide Filter With WR-28 Interface And a Pass Band From 38 GHz to 40 GHz
PE-W42F001 PASTERNACK-PE-W42F001 Datasheet
325Kb / 2P
Bandpass Waveguide Filter With WR-42 Interface And a Pass Band From 20.2 GHz to 21.2 GHz
PE-W42F002 PASTERNACK-PE-W42F002 Datasheet
334Kb / 2P
Bandpass Waveguide Filter With WR-42 Interface And a Pass Band From 24.25 GHz to 24.45 GHz
PE-W42F003 PASTERNACK-PE-W42F003 Datasheet
326Kb / 2P
Bandpass Waveguide Filter With WR-42 Interface And a Pass Band From 25.05 GHz to 25.25 GHz
PE-W42F004 PASTERNACK-PE-W42F004 Datasheet
326Kb / 2P
Bandpass Waveguide Filter With WR-42 Interface And a Pass Band From 24.25 GHz to 24.45 GHz
logo
Analog Devices
HMC890ALP5E AD-HMC890ALP5E Datasheet
486Kb / 11P
1.0 GHz to 1.9 GHz Tunable Band-Pass Filter
8/2018-Revision 0
HMC891ALP5E AD-HMC891ALP5E Datasheet
546Kb / 11P
1.95 GHz to 3.4 GHz, Tunable Band-Pass Filter
9/2018-Revision 0
ADMV8416 AD-ADMV8416 Datasheet
567Kb / 16P
6.3 GHz to 18 GHz, Tunable Band-Pass Filter
10/2020-Rev. 0 to Rev. A
ADMV8420 AD-ADMV8420 Datasheet
494Kb / 14P
10 GHz to 21.7 GHz, Tunable Band-Pass Filter
10/2020-Rev. A to Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com