Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS431 Datasheet (PDF) - Globaltech Semiconductor Co.,Ltd

GS431 Datasheet PDF - Globaltech Semiconductor Co.,Ltd
Part # GS431
Download  GS431 Download
File Size   530.22 Kbytes
Page   6 Pages
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd
Description Adjustable Precision Shunt Regulators

GS431 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS431 Datasheet PDF - Globaltech Semiconductor Co.,Ltd

Part # GS431
Download  GS431 Click to download

File Size   530.22 Kbytes
Page   6 Pages
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd
Description Adjustable Precision Shunt Regulators

GS431 Datasheet (HTML) - Globaltech Semiconductor Co.,Ltd


GS431 Product details

Product Description
The GS431 is a three-terminal adjustable shunt
regulator with specified thermal stability.
The output voltage may be set to any value
between VREF and 36V with two external
resistors.
This device has a typical output impedance of
0.2Ω. Active output circuitry provides very sharp
turn-on characteristics, making this device
excellent replacement for Zener diodes in many
applications.
GS431 is available in SOT-23 package.
Features
◼ Temperature-Compensated for Operation over
Full Rated Operating Temperature Range.
◼ Adjustable Output Voltage
◼ Low (0.2Ω Typ.) Dynamic Output Impedance
◼ Low Output Noise
◼ Fast Turn-on Response
◼ RoHS Compliant & Halogen Free
Applications
◼ Battery Operated Computer
◼ Switching Power Supplies
◼ Adjustable Power Supplies
◼ Linear Regulators
◼ Instrumentation
◼ Computer Disk Drivers




Similar Part No. - GS431

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
GS43 ICE-GS43 Datasheet
136Kb / 3P
Surface Mount Power Inductors
GS43 ICE-GS43 Datasheet
783Kb / 3P
Surface Mount Power Inductors
GS43-100 ICE-GS43-100 Datasheet
136Kb / 3P
Surface Mount Power Inductors
GS43-100 ICE-GS43-100 Datasheet
783Kb / 3P
Surface Mount Power Inductors
GS43-120 ICE-GS43-120 Datasheet
136Kb / 3P
Surface Mount Power Inductors
More results


Similar Description - GS431

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
Adjustable Precision Shunt Regulators
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
Adjustable Precision Shunt Regulators
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
ADJUSTABLE PRECISION SHUNT REGULATORS
Rev 3
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com