Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M89T Datasheet (PDF) - STMicroelectronics

M89T Datasheet PDF - STMicroelectronics
Part # M89T
Download  M89T Download
File Size   52.32 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description In-System Programmable ISP Multiple-Memory and Logic FLASHPSD Systems for MCUs

M89T Datasheet (PDF)

Go To PDF Page Download Datasheet
M89T Datasheet PDF - STMicroelectronics

Part # M89T
Download  M89T Click to download

File Size   52.32 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description In-System Programmable ISP Multiple-Memory and Logic FLASHPSD Systems for MCUs

M89T Datasheet (HTML) - STMicroelectronics


M89T Product details

Features
■ Single Supply Voltage:
■ 5 V±10% for M89xxFxY
■ 3 V (+20/–10%) for M89xxFxW
■ 1 or 2 Mbit of Primary Flash Memory (8 uniform sectors, 16K x 8, or 32K x 8)
■ A second non-volatile memory:
■ 256 Kbit (32K x 8) EEPROM (for M8913F1x)
■ or Flash memory (for M89x3F2x)
■ 4 uniform sectors (8K x 8)
■ SRAM (16 Kbit, 2K x 8; or 64 Kbit, 8K x 8)
■ Over 2,000 Gates of PLD: DPLD and GPLD
■ 27 Reconfigurable I/O ports
■ Enhanced JTAG Serial Port
■ Programmable power management
■ Stand-by current:
■ 50 µA for M89xxFxY
■ 25 µA for M89xxFxW
■ High Endurance:
■ 100,000 Erase/Write Cycles of Flash Memory
■ 10,000 Erase/Write Cycles of EEPROM
■ 1,000 Erase/Write Cycles of PLD




Similar Part No. - M89T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M89 MACOM-M89 Datasheet
138Kb / 2P
TRIPLE-BALANCED MIXER
M89 MACOM-M89 Datasheet
431Kb / 3P
Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M89 MA-COM-M89 Datasheet
149Kb / 3P
Triple-Balanced Mixer
M89 MA-COM-M89 Datasheet
670Kb / 4P
Triple-Balanced Mixer
logo
ML Accessories Limited....
M8900 KNIGHTSBRIDGE-M8900 Datasheet
222Kb / 1P
Metal Clad 2G Back Box
11/04/202
More results


Similar Description - M89T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M88 STMICROELECTRONICS-M88 Datasheet
54Kb / 7P
In-System Programmable ISP Multiple-Memory and Logic FLASHPSD Systems with CPLD for MCUs
Jun-2000
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
04-Jan-2002
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 103P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
Jun-2004
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
04-Jan-2002
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
Jun-2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
Aug-2004
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
Jun-2004
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
06-Dec-2002
PSD8XXFX STMICROELECTRONICS-PSD8XXFX Datasheet
1Mb / 128P
Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
05-May-2009
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
05-May-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com